Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2IBA24 Datasheet (PDF) - Schneider Electric

MA2IBA24 Datasheet PDF - Schneider Electric
Part # MA2IBA24
Download  MA2IBA24 Download
File Size   116.15 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge mod IBA - 240kA - 208Y/120VAC - 3P4W - T2 - CSA

MA2IBA24 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA2IBA24 Datasheet PDF - Schneider Electric

Part # MA2IBA24
Download  MA2IBA24 Click to download

File Size   116.15 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge mod IBA - 240kA - 208Y/120VAC - 3P4W - T2 - CSA

MA2IBA24 Datasheet (HTML) - Schneider Electric




Similar Part No. - MA2IBA24

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
MA2IBA241 SCHNEIDER-MA2IBA241 Datasheet
57Kb / 2P
Surge mod IBA - 240kA - 208Y/120VAC - 3P4W - T1 - CSA
More results


Similar Description - MA2IBA24

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
MA1IBA24 SCHNEIDER-MA1IBA24 Datasheet
116Kb / 2P
Surge mod IBA - 240kA - 120/240VAC - 1P3W - T2 - CSA
MA2IBA12 SCHNEIDER-MA2IBA12 Datasheet
116Kb / 2P
Surge mod IBA - 120kA - 208Y/120VAC - 3P4W - T2 - CSA
MA2IBA16 SCHNEIDER-MA2IBA16 Datasheet
116Kb / 2P
Surge mod IBA - 160kA - 208Y/120VAC - 3P4W - T2 - CSA
MA2IBA241 SCHNEIDER-MA2IBA241 Datasheet
57Kb / 2P
Surge mod IBA - 240kA - 208Y/120VAC - 3P4W - T1 - CSA
MA3IBA12 SCHNEIDER-MA3IBA12 Datasheet
115Kb / 2P
Surge mod IBA - 120kA - 120/240VAC - 3P4W - T2 - CSA
MA3IBA16 SCHNEIDER-MA3IBA16 Datasheet
115Kb / 2P
Surge mod IBA - 160kA - 120/240VAC - 3P4W - T2 - CSA
MA3IBA24 SCHNEIDER-MA3IBA24 Datasheet
115Kb / 2P
Surge mod IBA - 240kA - 120/240VAC - 3P4W - T2 - CSA
MA4IBA24 SCHNEIDER-MA4IBA24 Datasheet
116Kb / 2P
Surge mod IBA - 240kA - 480Y/277VAC - 3P4W - T2 - CSA
MA8IBA24 SCHNEIDER-MA8IBA24 Datasheet
116Kb / 2P
Surge mod IBA - 240kA - 600Y/347VAC - 3P4W - T2 - CSA
Apr 16, 2020
TVS2IMA24O SCHNEIDER-TVS2IMA24O Datasheet
101Kb / 2P
Surge Protect - IMA - 240kA - 208Y/120VAC - 3P4W - T2
May 15, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com