Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2IMA40LL Datasheet (PDF) - Schneider Electric

MA2IMA40LL Datasheet PDF - Schneider Electric
Part # MA2IMA40LL
Download  MA2IMA40LL Download
File Size   57.02 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge mod IMA - L-L enhanced - 120kA - 208Y/120VAC - 3P4W - T2

MA2IMA40LL Datasheet (PDF)

Go To PDF Page Download Datasheet
MA2IMA40LL Datasheet PDF - Schneider Electric

Part # MA2IMA40LL
Download  MA2IMA40LL Click to download

File Size   57.02 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge mod IMA - L-L enhanced - 120kA - 208Y/120VAC - 3P4W - T2

MA2IMA40LL Datasheet (HTML) - Schneider Electric




Similar Part No. - MA2IMA40LL

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
MA2IMA12LL SCHNEIDER-MA2IMA12LL Datasheet
132Kb / 2P
Surge mod IMA - L-L enhanced - 120kA - 208Y/120VAC - 3P4W
MA2IMA60LL SCHNEIDER-MA2IMA60LL Datasheet
57Kb / 2P
Surge mod IMA - L-L enhanced - 180kA - 208Y/120VAC - 3P4W - T2
More results


Similar Description - MA2IMA40LL

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HL2IMA12C SCHNEIDER-HL2IMA12C Datasheet
78Kb / 2P
Surge Protect - IMA - HL - 120kA - 208Y/120VAC - 3P4W - T2
Apr 16, 2020
HR2IMA12C SCHNEIDER-HR2IMA12C Datasheet
153Kb / 2P
Surge Protect - IMA - HR - 120kA - 208Y/120VAC - 3P4W - T2
MA2IBA12 SCHNEIDER-MA2IBA12 Datasheet
116Kb / 2P
Surge mod IBA - 120kA - 208Y/120VAC - 3P4W - T2 - CSA
MA2IMA12LL SCHNEIDER-MA2IMA12LL Datasheet
132Kb / 2P
Surge mod IMA - L-L enhanced - 120kA - 208Y/120VAC - 3P4W
MA2IMA60LL SCHNEIDER-MA2IMA60LL Datasheet
57Kb / 2P
Surge mod IMA - L-L enhanced - 180kA - 208Y/120VAC - 3P4W - T2
MA4IMA40LL SCHNEIDER-MA4IMA40LL Datasheet
132Kb / 2P
Surge mod IMA - L-L enhanced - 40kA - 480Y/277VAC - 3P4W - T2
MA4IMA60LL SCHNEIDER-MA4IMA60LL Datasheet
132Kb / 2P
Surge mod IMA - L-L enhanced - 60kA - 480Y/277VAC - 3P4W - T2
MA4IMA90LL SCHNEIDER-MA4IMA90LL Datasheet
132Kb / 2P
Surge mod IMA - L-L enhanced - 90kA - 480Y/277VAC - 3P4W - T2
TVS2IMA12O SCHNEIDER-TVS2IMA12O Datasheet
132Kb / 2P
Surge Protect - IMA - 120kA - 208Y/120VAC - 3P4W - T2
May 15, 2020
TVS2IMA12O1 SCHNEIDER-TVS2IMA12O1 Datasheet
101Kb / 2P
Surge Protect - IMA - 120kA - 208Y/120VAC - 3P4W - T1
May 15, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com