Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1811B Datasheet (PDF) - Microchip Technology

MCP1811B Datasheet PDF - Microchip Technology
Part # MCP1811B
Download  MCP1811B Download
File Size   1139.85 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Ultra-Low Quiescent Current LDO Regulator for Long-Life Battery-Powered Applications

MCP1811B Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP1811B Datasheet PDF - Microchip Technology

Part # MCP1811B
Download  MCP1811B Click to download

File Size   1139.85 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Ultra-Low Quiescent Current LDO Regulator for Long-Life Battery-Powered Applications

MCP1811B Datasheet (HTML) - Microchip Technology


MCP1811B Product details

Description
The MCP1811X/12X devices are 150 mA (MCP1811X) and 300 mA (MCP1812X) Low-Dropout (LDO) linear regulators that provide high-current and low-output voltages while maintaining an ultra-low 250 nA of quiescent current during device operation. In addition, the MCP1811B/12B can be shut down for 5 nA (typical) supply current draw.
The MCP1811X/12X family comes in nine standard fixed output voltage versions: 1V, 1.2V, 1.8V, 2.0V, 2.5V, 2.8V, 3.0V, 3.3V and 4.0V.

Features
• Ultra-Low Quiescent Current: 250 nA (typical)
• Ultra-Low Shutdown Supply Current:
   - 10 nA typical for MCP1811A/12A
   - 5 nA typical for MCP1811B/12B
• Output Current Capability:
   - 150 mA for MCP1811X (Note 1)
   - 300 mA for MCP1812X
• Input Voltage Range: 1.8V to 5.5V
• Standard Output Voltages (VR): 1V, 1.2V, 1.8V, 2.0V,
   2.5V, 2.8V, 3.0V, 3.3V and 4.0V; for any other voltage
   options (between 1V to 4V), please contact your local
   sales office
• Stable with Ceramic Output Capacitor:
   1.0 μF (MCP1811X) and 2.2 μF (MCP1812X)
• Overcurrent Protection
• Output Discharge (Shutdown mode,
   SHDN = GND) MCP1811A/12A
• Available for the Following Packages:
   - 3-Lead SOT-23
   - 3-Lead SC70
   - 4-Lead 1 x 1 mm UDFN
   - 5-Lead SOT-23
   - 5-Lead SC70

Applications
• Energy Harvesting
• Long-Life, Battery-Powered Applications
• Smart Cards
• Ultra-Low Consumption “Green” Products
• Wearable Electronics (smart watches, bracelets, headsets)
• Medical Devices (hearing aids)




Similar Part No. - MCP1811B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1810 MICROCHIP-MCP1810 Datasheet
1Mb / 32P
Energy Harvesting
06/23/16
More results


Similar Description - MCP1811B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
logo
Rohm
BD733L2EFJ-CE2 ROHM-BD733L2EFJ-CE2 Datasheet
1Mb / 34P
Ultra Low Quiescent Current LDO Regulator
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
Ultra Low Quiescent Current LDO Regulator
logo
Texas Instruments
LM2936 TI-LM2936_15 Datasheet
1Mb / 34P
Ultra-Low Quiescent Current LDO Voltage Regulator
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
BD7XXL5FP-C ROHM-BD7XXL5FP-C Datasheet
1,000Kb / 23P
Ultra Low Quiescent Current LDO Regulator
01.May.2014 Rev.004
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com