Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1285G Datasheet (PDF) - Vishay Siliconix

1285G Datasheet PDF - Vishay Siliconix
Part # 1285G
Download  1285G Download
File Size   147.64 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description VISHAY 1280 AND 1285G SERIES Precision Trimming Potentiometers

1285G Datasheet (PDF)

Go To PDF Page Download Datasheet
1285G Datasheet PDF - Vishay Siliconix

Part # 1285G
Download  1285G Click to download

File Size   147.64 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description VISHAY 1280 AND 1285G SERIES Precision Trimming Potentiometers

1285G Datasheet (HTML) - Vishay Siliconix


1285G Product details

INTRODUCTION
Vishay Foil precision trimmers have the Bulk Metal® Foil resistive element which possesses a unique inherent temperature and load life stability. Plus, their advanced virtually back lash-free adjustment mechanism makes them easy to set quickly and accurately and keeps the setting exactly on target.

FEATURES
• Temperature coefficient of resistance (TCR): (- 55 °C to + 125 °C ref. at + 25 °C)
   - ± 15 ppm/°C (model 1280G);
   - ± 5 ppm/°C (model 1285G)3);
   - through the wiper ± 50 ppm/°C
• A smooth and unidirectional resistance with leadscrew adjustment
• Load life stability: 0.5 % maximum ΔR under full rated power at + 25 °C for 2000 h
• Electrostatic discharge (ESD) up to 25 000 V
• Settability: 0.05 % typical; 0.1 % maximum
• Setting stability: 0.1 % typical; 0.5 % maximum, ΔSS
• Power rating: 0.75 W at + 25 °C
• Resistance range: 10 Ω to 20 kΩ
• Resistance tolerance: ± 10 %, ± 5 %
• Backlash: < 0.05 %
• Tap test: 0.05 % typical; 0.1 % maximum
• “O”-ring prevents ingress of fluids during any board cleaning operation
• Terminal finish: gold plated (tin/lead finish available on request)




Similar Part No. - 1285G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1285G VISHAY-1285G Datasheet
123Kb / 4P
Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
07-Nov-07
1285G100RJ VISHAY-1285G100RJ Datasheet
123Kb / 4P
Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
07-Nov-07
1285G100RK VISHAY-1285G100RK Datasheet
123Kb / 4P
Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
07-Nov-07
More results


Similar Description - 1285G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1268 VISHAY-1268 Datasheet
77Kb / 2P
Bulk Metal Foil Technology Precision Trimming Potentiometers 3/8 Inch Square, RJ24 Style - Industrial Trimmer
06-Aug-02
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
07-Nov-07
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
24-Mar-10
BZG03C62-TR VISHAY-BZG03C62-TR Datasheet
81Kb / 5P
BZG03C-Series Vishay Semiconductors
29-Nov-11
IRF620STRLPBF VISHAY-IRF620STRLPBF Datasheet
141Kb / 8P
Vishay Siliconix
30-May-11
logo
Bourns Electronic Solut...
H-814-2 BOURNS-H-814-2 Datasheet
53Kb / 1P
Design Kit Trimming Potentiometers
logo
List of Unclassifed Man...
VR24 ETC-VR24 Datasheet
415Kb / 1P
CERMET TRIMMING POTENTIOMETERS
logo
Ohmite Mfg. Co.
CPM OHMITE-CPM Datasheet
371Kb / 2P
Precision Multi-Turn Potentiometers
logo
Vatronics Technologies ...
3590S VATRONICS-3590S Datasheet
160Kb / 1P
Precision Multiturn Wirewound Potentiometers
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com