Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82845MX Datasheet (PDF) - Intel Corporation

82845MX Datasheet PDF - Intel Corporation
Part # 82845MX
Download  82845MX Download
File Size   1407.98 Kbytes
Page   157 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Intel 845 Family Chipset-Mobile 82845MP/82845MZ Chipset Memory Controller Hub Mobile (MCH-M)

82845MX Datasheet (PDF)

Go To PDF Page Download Datasheet
82845MX Datasheet PDF - Intel Corporation

Part # 82845MX
Download  82845MX Click to download

File Size   1407.98 Kbytes
Page   157 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Intel 845 Family Chipset-Mobile 82845MP/82845MZ Chipset Memory Controller Hub Mobile (MCH-M)

82845MX Datasheet (HTML) - Intel Corporation


82845MX Product details

Overview
The Intel 845MP/845MZ Chipset Memory Controller Hub-M (MCH-M) is designed for use with the Mobile Intel Pentium 4 Processor-M. The Intel 845MP/845MZ Chipset MCH-M manages the flow of information between its four interfaces: the System Bus, the memory interface, the AGP port, and the hub interface. The MCH-M arbitrates between the four interfaces when each initiates an operation. While doing so, the MCH-M must support data coherency via snooping and must perform address translation for access to AGP Aperture memory.
The Intel 845MP/845MZ Chipset Memory Controller Hub-M (MCH-M) may contain design defects or errors known as errata, which may cause the product to deviate from published specifications.

System Architecture
The Intel 845MP/845MZ Chipset Memory Controller Hub-M (MCH-M) component provides the processor interface, DRAM interface, AGP interface, and hub interface. The CPU interface supports the Mobile Intel Pentium 4 Processor-M subset of the Extended Mode of the Scalable Bus Protocol. The Intel 845MP/845MZ Chipset is optimized for the Mobile Intel Pentium 4 Processor-M. It supports a single channel of DDR memory. The MCH-M contains advanced power management logic. The Intel 845MP/845MZ Chipset platform supports the third generation mobile I/O Controller Hub (ICH3-M) to provide the features required by a mobile platform.
The Intel 845 Chipset-Mobile Family (MCH-M) is in a 593-pin FC-BGA package and contains the following functionality:
   • Supports single Mobile Intel Pentium 4 Processor-M configurations at 400 MT/s
   • AGTL+ host bus with integrated termination supporting 32-bit host addressing
   • 845MP supports up to 1 GB of PC2100 Memory
   • 845MZ supports up to 512 MB of PC1600 Memory
   • 1.5-V AGP interface with 4x SBA/PIPE# Data Transfer and Fast Write capability
   • 1.8-V, 8-bit, 66-MHz 4x hub interface to ICH3-M
   • Deeper Sleep
   • Intel SpeedStep® technology
   • Distributed arbitration for highly concurrent operation




Similar Part No. - 82845MX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8284500500 ETC2-8284500500 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Intel Corporation
82845G INTEL-82845G Datasheet
2Mb / 193P
Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
82845GE INTEL-82845GE Datasheet
2Mb / 176P
82845GE Graphics and Memory Controller Hub (GMCH) and 82845PE Memory Controller Hub (MCH)
82845GL INTEL-82845GL Datasheet
2Mb / 193P
Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
82845GV INTEL-82845GV Datasheet
2Mb / 193P
Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
More results


Similar Description - 82845MX

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82830MP INTEL-82830MP Datasheet
1Mb / 159P
Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
290688-001 INTEL-290688-001 Datasheet
801Kb / 172P
Intel 815 Chipset Family 82815 Graphics and Memory Controller Hub (GMCH)
290725-002 INTEL-290725-002 Datasheet
1Mb / 148P
Intel 845 Chipset: 82845 Memory Controller Hub (MCH) for SDR
298020-002 INTEL-298020-002 Datasheet
848Kb / 166P
Intel 840 Chipset 82840 Memory Controller Hub (MCH)
313953-001 INTEL-313953-001 Datasheet
144Kb / 16P
Intel짰 3000 and 3010 Chipset Memory Controller Hub (MCH)
313953-002 INTEL-313953-002 Datasheet
3Mb / 218P
Intel짰 3000 and 3010 Chipset Memory Controller Hub (MCH)
313955 INTEL-313955 Datasheet
1Mb / 38P
Intel짰 3000 and 3010 Chipset Memory Controller Hub (MCH)
RG82845SL5YQ INTEL-RG82845SL5YQ Datasheet
1Mb / 148P
Intel짰 845 Chipset: 82845 Memory Controller Hub (MCH) for SDR
QG5000XSL9TH INTEL-QG5000XSL9TH Datasheet
3Mb / 458P
Intel 5000X Chipset Memory Controller Hub (MCH)
E7500 INTEL-E7500 Datasheet
70Kb / 15P
Intel짰 E7500 Chipset Memory Controller Hub (MCH)
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com