Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GE Datasheet (PDF) - Intel Corporation

845GE Datasheet PDF - Intel Corporation
Part # 845GE
Download  845GE Download
File Size   2661.02 Kbytes
Page   176 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 82845GE Graphics and Memory Controller Hub (GMCH) and 82845PE Memory Controller Hub (MCH)

845GE Datasheet (PDF)

Go To PDF Page Download Datasheet
845GE Datasheet PDF - Intel Corporation

Part # 845GE
Download  845GE Click to download

File Size   2661.02 Kbytes
Page   176 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 82845GE Graphics and Memory Controller Hub (GMCH) and 82845PE Memory Controller Hub (MCH)

845GE Datasheet (HTML) - Intel Corporation


845GE Product details

Introduction
This datasheet is for both the Intel® 82845GE Graphics and Memory Controller Hub (GMCH) and Intel® 82845PE Memory Controller Hub (MCH) components. The 82845GE GMCH is part of the Intel® 845GE chipset and the 82845PE MCH is part of the Intel® 845PE chipset. Each chipset contains two main components: GMCH (MCH) for the host bridge and I/O Controller Hub for the I/O subsystem. The GMCH (MCH) provides the processor interface, system memory interface, hub interface, and additional interfaces in an 845GE / 845PE chipset desktop platform. Both the 845GE chipset and 845PE chipset use the 82801DB ICH4 for the I/O Controller Hub.

Features
■ Host Interface Support
    — One processor in a mPGA478 package
    — Hyper-Threading Technology support
    — 400/533 MHz PSB (100/133 MHz bus clock)
    — PSB Dynamic Bus Inversion on the data bus
    — 32-bit addressing for access to 4 GB of memory space
    — 8 deep In Order Queue
    — AGTL+ On-die Termination
■ System Memory Controller
    — One 64-bit wide DDR SDRAM data channel
    — Up to 2.0 GB of 266/333 MHz DDR SDRAM
    — Bandwidth up to 2.7 GB/s (DDR333)
    — 64-Mb, 128-Mb, 256-Mb, and 512-Mb SDRAM technologies
    — Supports only x8 and x16 SDRAM devices with four banks
    — Unbuffered, unregistered 184-pin non-ECC DDR SDRAM DIMMs only
    — Two DDR DIMMs, single-sided and/or double-sided
    — Does not support double-sided x16 DDR DIMMs
    — JEDEC DDR DIMM specification configurations only
    — Opportunistic refresh
    — Up to 16, simultaneously open pages
    — SPD (Serial Presence Detect) scheme for DIMM detection
    — Suspend-to-RAM support using CKE
    — Selective Command-Per-Clock (selective CPC) accesses
■ Hub Interface
    — Supports Hub Interface 1.5
    — 266 MB/s point-to-point Hub Interface to the ICH4
    — 66 MHz base clock
    — 1.5 V operation
■ AGP Interface
    — Supports a single 1.5 V Accelerated Graphics Port Interface, Specification 2.0-compliant device
    — Supports 1X/2X/4X data transfers and 2X/4X Fast Writes
    — 32-deep AGP request queue
    — AGP signals muxed with two Intel® DVO ports: Supports ADD cards (82845GE only)
(Continue ...)




Similar Part No. - 845GE

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
845G INTEL-845G Datasheet
2Mb / 193P
Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
845GL INTEL-845GL Datasheet
2Mb / 193P
Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
845GV INTEL-845GV Datasheet
2Mb / 193P
Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
More results


Similar Description - 845GE

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82830MP INTEL-82830MP Datasheet
1Mb / 159P
Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
82845G INTEL-82845G Datasheet
2Mb / 193P
Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
290656-002 INTEL-290656-002 Datasheet
491Kb / 120P
Intel 82810/82810-DC100 Graphics and Memory Controller Hub (GMCH)
290676-002 INTEL-290676-002 Datasheet
969Kb / 119P
Intel 810E Chipset: 82810E Graphics and Memory Controller Hub (GMCH)
290688-001 INTEL-290688-001 Datasheet
801Kb / 172P
Intel 815 Chipset Family 82815 Graphics and Memory Controller Hub (GMCH)
316966-002 INTEL-316966-002 Datasheet
2Mb / 437P
Graphics and Memory Controller Hub
QGE7520MC-SL8EE INTEL-QGE7520MC-SL8EE Datasheet
2Mb / 282P
Intel짰 E7520 Memory Controller Hub (MCH)
RG82855GMESL72L INTEL-RG82855GMESL72L Datasheet
1Mb / 213P
Intel짰 855GM/855GME Chipset Graphics and Memory Controller Hub (GMCH)
E7320 INTEL-E7320 Datasheet
170Kb / 22P
Intel짰 E7320 Memory Controller Hub (MCH)
JG82855GMESL7VN INTEL-JG82855GMESL7VN Datasheet
1Mb / 213P
Intel짰 855GM/855GME Chipset Graphics and Memory Controller Hub (GMCH)
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com