Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCPP01-M12 Datasheet (PDF) - STMicroelectronics

TCPP01-M12 Datasheet PDF - STMicroelectronics
Part # TCPP01-M12
Download  TCPP01-M12 Download
File Size   2479.66 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB type-C port protection

TCPP01-M12 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCPP01-M12 Datasheet PDF - STMicroelectronics

Part # TCPP01-M12
Download  TCPP01-M12 Click to download

File Size   2479.66 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB type-C port protection

TCPP01-M12 Datasheet (HTML) - STMicroelectronics


TCPP01-M12 Product details

Description
PPS compliant USB type-C port protection Companion chip USB Type-C STM32 or STM8 USB Type-C with power delivery STM32 with UCPD support, example STM32L5, STM32G0, STM32G4 USB type-C port protection TCPP01-M12 Datasheet DS12900 - Rev 1 - September 2019 For further information contact your local STMicroelectronics sales office.

Features
■ Overvoltage protection on VBUS, adjustable up to 22 V, with external N-channel MOSFET
■ 6.0 V overvoltage protection (OVP) on CC lines against short-to-VBUS
■ System-level ESD protection for USB type-C connector pins (CC1, CC2), compliant with IEC 61000-4-2 level 4 (±8 kV contact discharge, ±15 kV air discharge)
■ Integrated charge pump to control the gate of an external N-channel MOSFET (which features a lower RDSON than a P-channel MOSFET)
■ Null quiescent current when no USB charging cable is attached for battery- operated "consumer/sink" applications
■ Integrated “dead battery” (RD resistors)
■ Over temperature protection (OTP)
■ Operating junction temperature from -40°C to 85°C
■ Complies with the latest USB type-C and USB power delivery standards
■ Compliant with programmable power supply (PPS) as defined in latest USB PD specification
■ Open-drain fault reporting
■ ECOPACK2 compliant

Applications
■ USB type-C used in sink configuration (consumer)
■ USB type-C used in source configuration (provider)
■ USB type-C for UFP (upstream facing port) or DFP (downstream facing port) configuration
■ USB type-C power delivery, PPS compliant




Similar Part No. - TCPP01-M12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
1Mb / 5P
USB Type-C™ Power Delivery Sink expansion board based on TCPP01-M12 for STM32 Nucleo
April 2021
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
437Kb / 5P
USB Type-C™ Power Delivery Sink expansion board based on TCPP01-M12 for STM32 Nucleo
March 2021
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
1Mb / 27P
USB Type-C™ protection for source application
17-May-2022
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - TCPP01-M12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CCG3PA CYPRESS-CCG3PA Datasheet
593Kb / 37P
USB Type-C Port Controller
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
USB Type-C Port Controller
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
CCG4 CYPRESS-CCG4 Datasheet
472Kb / 35P
USB Type-C Port Controller
logo
ON Semiconductor
FSUSB242 ONSEMI-FSUSB242 Datasheet
355Kb / 12P
Type-C USB Port Protection Switch
September, 2018 ??Rev. 1
logo
Maxim Integrated Produc...
MAX20463A MAXIM-MAX20463A Datasheet
125Kb / 2P
Automotive USB Type-A to Type-C Port Converter with Protection
6????0
logo
ON Semiconductor
FSUSB242UCX-Z002 ONSEMI-FSUSB242UCX-Z002 Datasheet
509Kb / 12P
FSUSB242 Type-C USB Port Protection Switch
June, 2022 - Rev. 0
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
Rohm
BD91N01NUX ROHM-BD91N01NUX Datasheet
1Mb / 21P
USB Type-C Sink Port Detection and Protection IC
07.Jun.2019 Rev.001
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
USB Type-C Port Controller
July 26, 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com