Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4IMA161 Datasheet (PDF) - Schneider Electric

MA4IMA161 Datasheet PDF - Schneider Electric
Part # MA4IMA161
Download  MA4IMA161 Download
File Size   58.86 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge mod IMA - 160kA - 480Y/277VAC - 3P4W - T1 - CSA

MA4IMA161 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4IMA161 Datasheet PDF - Schneider Electric

Part # MA4IMA161
Download  MA4IMA161 Click to download

File Size   58.86 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge mod IMA - 160kA - 480Y/277VAC - 3P4W - T1 - CSA

MA4IMA161 Datasheet (HTML) - Schneider Electric




Similar Part No. - MA4IMA161

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
MA4IMA16 SCHNEIDER-MA4IMA16 Datasheet
101Kb / 2P
Surge mod IMA - 160kA - 480Y/277VAC - 3P4W - T2 - CSA
MA4IMA16H SCHNEIDER-MA4IMA16H Datasheet
138Kb / 2P
Surge mod IMA - HRG - 160kA - 480Y/277VAC - 3P4W - T2 - CSA
More results


Similar Description - MA4IMA161

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HL4IMA16C1 SCHNEIDER-HL4IMA16C1 Datasheet
159Kb / 2P
Surge Protect - IMA - HL - 160kA - 480Y/277VAC - 3P4W - T1
MA4IBA16 SCHNEIDER-MA4IBA16 Datasheet
116Kb / 2P
Surge mod IBA - 160kA - 480Y/277VAC - 3P4W - T2 - CSA
MA4IMA12 SCHNEIDER-MA4IMA12 Datasheet
100Kb / 2P
Surge mod IMA - 120kA - 480Y/277VAC - 3P4W - T2 - CSA
MA4IMA16 SCHNEIDER-MA4IMA16 Datasheet
101Kb / 2P
Surge mod IMA - 160kA - 480Y/277VAC - 3P4W - T2 - CSA
MA4IMA16H SCHNEIDER-MA4IMA16H Datasheet
138Kb / 2P
Surge mod IMA - HRG - 160kA - 480Y/277VAC - 3P4W - T2 - CSA
MA4IMA24 SCHNEIDER-MA4IMA24 Datasheet
101Kb / 2P
Surge mod IMA - 240kA - 480Y/277VAC - 3P4W - T2 - CSA
MA4IMA121 SCHNEIDER-MA4IMA121 Datasheet
58Kb / 2P
Surge mod IMA - 120kA - 480Y/277VAC - 3P4W - T1 - CSA
HR4IMA16C1 SCHNEIDER-HR4IMA16C1 Datasheet
153Kb / 2P
Surge Protect - IMA - HR - 160kA - 480Y/277VAC - 3P4W - T1
QMB4IMA16 SCHNEIDER-QMB4IMA16 Datasheet
100Kb / 2P
Surge Protect - IMA - 160kA - 480Y/277VAC - 3P4W - SW UL - CSA
TVS4IMA16O1 SCHNEIDER-TVS4IMA16O1 Datasheet
100Kb / 2P
Surge Protect - IMA - 160kA - 480Y/277VAC - 3P4W - T1
May 15, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com