Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSP01EBA20 Datasheet (PDF) - Schneider Electric

SSP01EBA20 Datasheet PDF - Schneider Electric
Part # SSP01EBA20
Download  SSP01EBA20 Download
File Size   101.01 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge Protect - EBA - 200kA - 120/240VAC - 1P3W - T1

SSP01EBA20 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSP01EBA20 Datasheet PDF - Schneider Electric

Part # SSP01EBA20
Download  SSP01EBA20 Click to download

File Size   101.01 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge Protect - EBA - 200kA - 120/240VAC - 1P3W - T1

SSP01EBA20 Datasheet (HTML) - Schneider Electric




Similar Part No. - SSP01EBA20

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP01EBA24 SCHNEIDER-SSP01EBA24 Datasheet
102Kb / 2P
Surge Protect - EBA - 240kA - 120/240VAC - 1P3W - T1
More results


Similar Description - SSP01EBA20

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP01EMA12 SCHNEIDER-SSP01EMA12 Datasheet
89Kb / 2P
Surge Protect - EMA - 120kA - 120/240VAC - 1P3W - T1
Apr 8, 2020
SSP01EMA16 SCHNEIDER-SSP01EMA16 Datasheet
108Kb / 2P
Surge Protect - EMA - 160kA - 120/240VAC - 1P3W - T1
Apr 8, 2020
SSP01EMA24 SCHNEIDER-SSP01EMA24 Datasheet
120Kb / 2P
Surge Protect - EMA - 240kA - 120/240VAC - 1P3W - T1
Apr 8, 2020
SSP01EMA32 SCHNEIDER-SSP01EMA32 Datasheet
103Kb / 2P
Surge Protect - EMA - 320kA - 120/240VAC - 1P3W - T1
Apr 8, 2020
SSP01EBA08 SCHNEIDER-SSP01EBA08 Datasheet
101Kb / 2P
Surge Protect - EBA - 80kA - 120/240VAC - 1P3W - T1
Apr 16, 2020
SSP01EBA10 SCHNEIDER-SSP01EBA10 Datasheet
101Kb / 2P
Surge Protect - EBA - 100kA - 120/240VAC - 1P3W - T1
Apr 16, 2020
SSP01EBA12 SCHNEIDER-SSP01EBA12 Datasheet
102Kb / 2P
Surge Protect - EBA - 120kA - 120/240VAC - 1P3W - T1
SSP01EBA16 SCHNEIDER-SSP01EBA16 Datasheet
102Kb / 2P
Surge Protect - EBA - 160kA - 120/240VAC - 1P3W - T1
SSP01EBA24 SCHNEIDER-SSP01EBA24 Datasheet
102Kb / 2P
Surge Protect - EBA - 240kA - 120/240VAC - 1P3W - T1
TVS1IMA24O1 SCHNEIDER-TVS1IMA24O1 Datasheet
101Kb / 2P
Surge Protect - IMA - 240kA - 120/240VAC - 1P3W - T1
May 15, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com