Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4620D Datasheet (PDF) - Microsemi Corporation

1N4620D Datasheet PDF - Microsemi Corporation
Part # 1N4620D
Download  1N4620D Download
File Size   120.09 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Hermetically sealed glass case. DO - 35 outline.

1N4620D Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4620D Datasheet PDF - Microsemi Corporation

Part # 1N4620D
Download  1N4620D Click to download

File Size   120.09 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Hermetically sealed glass case. DO - 35 outline.

1N4620D Datasheet (HTML) - Microsemi Corporation


1N4620D Product details

• 1N4614-1THRU 1N4627-1 AVAILABLE IN JAN, JANTX, JANTXV AND JANS PER MIL-PRF-19500/435

• LOW CURRENT OPERATION AT 250 µA

• LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS

• DOUBLE PLUG CONSTRUCTION

• METALLURGICALLY BONDED



 




Similar Part No. - 1N4620D

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N4620D2A SEME-LAB-1N4620D2A Datasheet
185Kb / 3P
LOW NOISE ZENER DIODE
1N4620D2A-JQRS SEME-LAB-1N4620D2A-JQRS Datasheet
185Kb / 3P
LOW NOISE ZENER DIODE
1N4620D2B SEME-LAB-1N4620D2B Datasheet
185Kb / 3P
LOW NOISE ZENER DIODE
logo
Microsemi Corporation
1N4620DUR MICROSEMI-1N4620DUR Datasheet
189Kb / 3P
GLASS SURFACE MOUNT 0.5 WATT ZENERS
1N4620DUR-1 MICROSEMI-1N4620DUR-1 Datasheet
189Kb / 3P
GLASS SURFACE MOUNT 0.5 WATT ZENERS
More results


Similar Description - 1N4620D

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CBZX55CXXLC CYSTEKEC-CBZX55CXXLC Datasheet
139Kb / 3P
500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
KELDB3 TAK_CHEONG-KELDB3 Datasheet
92Kb / 3P
DO-35 Hermetically Sealed Glass BI-directional Trigger Diode
TC1N4148 TAK_CHEONG-TC1N4148 Datasheet
125Kb / 4P
500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Cystech Electonics Corp...
1N4148LC CYSTEKEC-1N4148LC Datasheet
158Kb / 4P
500mW DO-35 Hermetically glass sealed switching diode
logo
Gaomi Xinghe Electronic...
0.5W6.8V GXELECTRONICS-0.5W6.8V Datasheet
533Kb / 3P
500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Continental Device Indi...
DO-35 CDIL-DO-35 Datasheet
225Kb / 3P
DO-35 Hermetically Sealed Glass Axial Package
logo
Naina Semiconductor ltd...
1N2970 NAINA-1N2970_17 Datasheet
147Kb / 2P
Hermetically sealed DO-4 outline
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com