Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV0012 Datasheet (PDF) - Monolithic Power Systems

EV0012 Datasheet PDF - Monolithic Power Systems
Part # EV0012
Download  EV0012 Download
File Size   161.27 Kbytes
Page   9 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A Step-Down Switch-Mode Regulator

EV0012 Datasheet (PDF)

Go To PDF Page Download Datasheet
EV0012 Datasheet PDF - Monolithic Power Systems

Part # EV0012
Download  EV0012 Click to download

File Size   161.27 Kbytes
Page   9 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A Step-Down Switch-Mode Regulator

EV0012 Datasheet (HTML) - Monolithic Power Systems


EV0012 Product details

General Description
The MP1410 is a monolithic step-down switch mode regulator with a built in internal Power MOSFET. It achieves 2A continuous output current over a wide input supply range with excellent load and line regulation.

Features
■ 2A Output Current
■ 0.18Ω Internal Power MOSFET Switch
■ Stable with Low ESR Output Ceramic capacitors
■ Up to 95% Efficiency
■ 20uA Shutdown Mode
■ Fixed 380kHz frequency
■ Thermal Shutdown
■ Cycle-by-cycle over current protection
■ Wide 4.75 to 15V operating input range
■ Output Adjustable from 1.22 to 13V
■ Programmable under voltage lockout
■ Available in 8 pin SO
■ Evaluation Board Available

Applications
■ PC Monitors
■ Distributed Power Systems
■ Battery Charger
■ Pre-Regulator for Linear Regulators




Similar Part No. - EV0012

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0015 MPS-EV0015 Datasheet
211Kb / 4P
3A MP1583 Step Down Converter
More results


Similar Description - EV0012

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5972D STMICROELECTRONICS-L5972D Datasheet
173Kb / 10P
2A SWITCH STEP DOWN SWITCHING REGULATOR
May-2003
L5973AD STMICROELECTRONICS-L5973AD Datasheet
185Kb / 14P
2A SWITCH STEP DOWN SWITCHING REGULATOR
Rev. 3
logo
Anpec Electronics Corop...
APW1173 ANPEC-APW1173 Datasheet
444Kb / 21P
2A SWITCH STEP DOWN SWITCHING REGULATOR
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
2A Step-Down Voltage Regulator
logo
STMicroelectronics
L5973AD STMICROELECTRONICS-L5973AD_07 Datasheet
488Kb / 21P
2A switch step down switching regulator
15-Jan-2007
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
Monolithic 2A Step-Down Regulator
December 8, 2006
logo
Monolithic Power System...
EV0007 MPS-EV0007 Datasheet
221Kb / 4P
2A MP1580 Step Down Switch Mode Converter
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
2A step-down switching regulator
16-Oct-2007
L5972D_0710 STMICROELECTRONICS-L5972D_0710 Datasheet
237Kb / 15P
2A switch step down switching regulator
16-Oct-2007
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
2A Synchronous Step-Down Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com