Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP156GJ Datasheet (PDF) - Monolithic Power Systems

MP156GJ Datasheet PDF - Monolithic Power Systems
Part # MP156GJ
Download  MP156GJ Download
File Size   588.44 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption

MP156GJ Datasheet (PDF)

Go To PDF Page Download Datasheet
MP156GJ Datasheet PDF - Monolithic Power Systems

Part # MP156GJ
Download  MP156GJ Click to download

File Size   588.44 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption

MP156GJ Datasheet (HTML) - Monolithic Power Systems


MP156GJ Product details

DESCRIPTION
MP156 is a primary-side regulator that provides accurate constant voltage (CV) regulation without opto-coupler, support Buck, Buck-Boost, Boost and Flyback topologies. It has an integrated 500V MOSFET to simplify the structure and reduce costs. These features make it a competitive candidate for off-line low power applications, such as home appliances and standby power.

FEATURES
• Primary-side constant voltage (CV) control, supporting Buck, Buck-Boost, Boost and Flyback topologies
• Integrated 500V/20Ω MOSFET
• <30mW no-load power consumption
• Up to 4W output power
• Maximum DCM output current less than 130mA
• Maximum CCM output current less than 220mA
• Low VCC Operating Current
• Frequency foldback
• Limited maximum frequency
• Peak-current compression
• Internal high-voltage current source
• Internal 350ns leading-edge blanking
• Thermal shutdown (auto restart)
• VCC under voltage lockout with hysteresis
• Timer based over-load protection.
• Short-circuit protection
• Open-loop protection

APPLICATIONS
• Home appliances, white goods and consumer electronics
• Industrial controls
• Standby power




Similar Part No. - MP156GJ

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP156 RECTRON-MP156 Datasheet
28Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
logo
Micro Commercial Compon...
MP156 MCC-MP156 Datasheet
81Kb / 2P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
MP156 GWSEMI-MP156 Datasheet
73Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MP156 MCC-MP156 Datasheet
244Kb / 3P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Heyco.
MP156 HEYCO-MP156 Datasheet
160Kb / 1P
Male Pins
More results


Similar Description - MP156GJ

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY255PN POWERINT-TNY255PN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY253PN POWERINT-TNY253PN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY254GN POWERINT-TNY254GN Datasheet
1Mb / 19P
Energy Efficient, Low Power Off-line Switchers
TNY255GN POWERINT-TNY255GN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY254GN-TL POWERINT-TNY254GN-TL Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
logo
Monolithic Power System...
MP155 MPS-MP155 Datasheet
637Kb / 20P
Energy Efficient Off-line Regulator
logo
Recom International Pow...
RAC03-SE277 RECOM-RAC03-SE277 Datasheet
428Kb / 4P
30mW max. No Load Power Consumption
RAC03-SE277W RECOM-RAC03-SE277W Datasheet
383Kb / 4P
30mW max. No Load Power Consumption
logo
Monolithic Power System...
MP157 MPS-MP157 Datasheet
796Kb / 20P
Smallest Energy Efficient Off-line Regulator with Extended Power Range
MP158 MPS-MP158 Datasheet
711Kb / 20P
Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com