Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDSA3650 Datasheet (PDF) - Schneider Electric

SDSA3650 Datasheet PDF - Schneider Electric
Part # SDSA3650
Download  SDSA3650 Download
File Size   87.05 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge Protect - 40kA - 600Y/347V - 3P4W - T4X

SDSA3650 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDSA3650 Datasheet PDF - Schneider Electric

Part # SDSA3650
Download  SDSA3650 Click to download

File Size   87.05 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge Protect - 40kA - 600Y/347V - 3P4W - T4X

SDSA3650 Datasheet (HTML) - Schneider Electric




Similar Part No. - SDSA3650

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SDSA3650D SCHNEIDER-SDSA3650D Datasheet
97Kb / 3P
Surge Protect - 40kA - 600VAC delta - 3P3W - T4X
SDSA3650E SCHNEIDER-SDSA3650E Datasheet
85Kb / 3P
Surge Protect - 40kA - 600VAC delta - 3P3W - T1
More results


Similar Description - SDSA3650

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP08EMA12S SCHNEIDER-SSP08EMA12S Datasheet
118Kb / 2P
Surge Protect - EMA - 120kA - 600Y/347VAC - 3P4W - T4X
Apr 10, 2020
SSP08EMA16S SCHNEIDER-SSP08EMA16S Datasheet
117Kb / 2P
Surge Protect - EMA - 160kA - 600Y/347VAC - 3P4W - T4X
Apr 10, 2020
SSP08EMA24S SCHNEIDER-SSP08EMA24S Datasheet
118Kb / 2P
Surge Protect - EMA - 240kA - 600Y/347VAC - 3P4W - T4X
SSP08EMA32S SCHNEIDER-SSP08EMA32S Datasheet
118Kb / 2P
Surge Protect - EMA - 320kA - 600Y/347VAC - 3P4W - T4X
SSP08EMA48S SCHNEIDER-SSP08EMA48S Datasheet
118Kb / 2P
Surge Protect - EMA - 480kA - 600Y/347VAC - 3P4W - T4X
Apr 10, 2020
SDSA2040 SCHNEIDER-SDSA2040 Datasheet
123Kb / 3P
Surge Protect - 40kA - 208Y/120VAC - 3P4W - T4X
SDSA4040 SCHNEIDER-SDSA4040 Datasheet
92Kb / 3P
Surge Protect - 40kA - 480Y/277VAC - 3P4W - T4X
TVS8HWA10X SCHNEIDER-TVS8HWA10X Datasheet
137Kb / 2P
Surge Protect - HWA - 100kA - 600Y/347VAC - 3P4W - T4X
TVS8HWA50X SCHNEIDER-TVS8HWA50X Datasheet
137Kb / 2P
Surge Protect - HWA - 50kA - 600Y/347VAC - 3P4W - T4X
TVS8HWA80X SCHNEIDER-TVS8HWA80X Datasheet
137Kb / 2P
Surge Protect - HWA - 80kA - 600Y/347VAC - 3P4W - T4X
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com