Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH103A Datasheet (PDF) - WJ Communication. Inc.

MH103A Datasheet PDF - WJ Communication. Inc.
Part # MH103A
Download  MH103A Download
File Size   348.35 Kbytes
Page   5 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Dynamic Range UMTS-Band MMIC Mixer

MH103A Datasheet (PDF)

Go To PDF Page Download Datasheet
MH103A Datasheet PDF - WJ Communication. Inc.

Part # MH103A
Download  MH103A Click to download

File Size   348.35 Kbytes
Page   5 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Dynamic Range UMTS-Band MMIC Mixer

MH103A Datasheet (HTML) - WJ Communication. Inc.


MH103A Product details

Product Description
The MH103A is a passive GaAs MESFET mixer that provides high dynamic range performance in a low-cost lead-free/green/RoHS-compliant SOIC-8 package. WJ’s MH103A uses patented techniques to realize +34 dBm Input IP3 at an LO drive level of +17 dBm and can be used for upconverting or downconverting low-side LO applications.

Product Features
• +34 dBm IIP3
• RF: 1900 – 2700 MHz
• LO: 1600 – 2650 MHz
• IF: 50 – 300 MHz
• +17 dBm Drive Level
• Lead-free/green/RoHS-compliant SOIC-8 SMT package
• No External Bias Required

Applications
• Mobile Infrastructure
• WiBro / WiMAX Infrastructure




Similar Part No. - MH103A

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MH103A WJCI-MH103A Datasheet
194Kb / 4P
High Dynamic Range 1.9 - 2.7 GHz MMIC Mixer
MH103A-G WJCI-MH103A-G Datasheet
194Kb / 4P
High Dynamic Range 1.9 - 2.7 GHz MMIC Mixer
MH103A-PCB WJCI-MH103A-PCB Datasheet
194Kb / 4P
High Dynamic Range 1.9 - 2.7 GHz MMIC Mixer
MH103A WJCI-MH103A_06 Datasheet
194Kb / 4P
High Dynamic Range 1.9 - 2.7 GHz MMIC Mixer
More results


Similar Description - MH103A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MH101 ETC-MH101 Datasheet
154Kb / 3P
High Dynamic Range MMIC Mixer
MH102 ETC-MH102 Datasheet
162Kb / 4P
High Dynamic Range MMIC Mixer
MH202 ETC1-MH202 Datasheet
163Kb / 2P
High Dynamic Range Cellular Band MMIC Mixer
logo
WJ Communication. Inc.
MH1A WJCI-MH1A Datasheet
191Kb / 5P
High Dynamic Range PCS-Band MMIC Mixer
MH204 WJCI-MH204 Datasheet
163Kb / 2P
High Dynamic Range Cellular Band MMIC Mixer
logo
Marki Microwave
MM1-1467L MARKIMICROWAVE-MM1-1467L Datasheet
1Mb / 15P
GaAs MMIC High Dynamic Range Mixer
MT3-0113HCQG MARKIMICROWAVE-MT3-0113HCQG Datasheet
1Mb / 10P
GaAs MMIC High Dynamic Range Mixer
MT3-0113SCQG MARKIMICROWAVE-MT3-0113SCQG Datasheet
1Mb / 9P
GaAs MMIC High Dynamic Range Mixer
MT3H-0113HSM MARKIMICROWAVE-MT3H-0113HSM Datasheet
1Mb / 11P
GaAs MMIC High Dynamic Range Mixer
MT3H-0113L MARKIMICROWAVE-MT3H-0113L Datasheet
1Mb / 12P
GaAs MMIC High Dynamic Range Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com