Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XOSM-52 Datasheet (PDF) - Vishay Siliconix

XOSM-52 Datasheet PDF - Vishay Siliconix
Part # XOSM-52
Download  XOSM-52 Download
File Size   177.38 Kbytes
Page   1 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Half Size Clock Oscillator Enable/Disable

XOSM-52 Datasheet (PDF)

Go To PDF Page Download Datasheet
XOSM-52 Datasheet PDF - Vishay Siliconix

Part # XOSM-52
Download  XOSM-52 Click to download

File Size   177.38 Kbytes
Page   1 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Half Size Clock Oscillator Enable/Disable

XOSM-52 Datasheet (HTML) - Vishay Siliconix


XOSM-52 Product details

The XO-543 series is with 3.3 V power supply. The metal package with pin 7 case ground acts as shielding to minimize EMI radiation.

FEATURES
• Size: 14 pin full size
• Industry standard
• Wide frequency range
• Low cost
• Tri-state enable/disable
• Resistance weld package
• 3.3 V
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21 definition




Similar Part No. - XOSM-52

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XOSM-52 VISHAY-XOSM-52 Datasheet
97Kb / 3P
Half Size Clock Oscillator Enable/Disable
05-Mar-07
XOSM-52 VISHAY-XOSM-52 Datasheet
87Kb / 3P
Half Size Clock Oscillator Enable/Disable
08-Mar-11
XOSM-52A40ME2 VISHAY-XOSM-52A40ME2 Datasheet
97Kb / 3P
Half Size Clock Oscillator Enable/Disable
05-Mar-07
XOSM-52A40ME2 VISHAY-XOSM-52A40ME2 Datasheet
87Kb / 3P
Half Size Clock Oscillator Enable/Disable
08-Mar-11
XOSM-52AA40ME2 VISHAY-XOSM-52AA40ME2 Datasheet
97Kb / 3P
Half Size Clock Oscillator Enable/Disable
05-Mar-07
More results


Similar Description - XOSM-52

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO-52 VISHAY-XO-52 Datasheet
89Kb / 3P
Half Size Clock Oscillators Enable/Disable
01-Jun-06
XO-523 VISHAY-XO-523 Datasheet
96Kb / 3P
Half Size Clock Oscillators Enable/Disable
01-Jun-06
XO-52 VISHAY-XO-52_07 Datasheet
95Kb / 3P
Half Size Clock Oscillators Enable/Disable
05-Mar-07
logo
Fox Electronics
F5C-2E3LF FOX-F5C-2E3LF Datasheet
176Kb / 1P
Tri-State Enable/Disable 3.3V Oscillator
logo
Vishay Siliconix
XO-523 VISHAY-XO-523_07 Datasheet
90Kb / 3P
Half Size Clock Oscillators Enable/Disable
05-Mar-07
XOSM-52 VISHAY-XOSM-52_07 Datasheet
97Kb / 3P
Half Size Clock Oscillator Enable/Disable
05-Mar-07
logo
Connor-Winfield Corpora...
SMH54RA CONNOR-WINFIELD-SMH54RA Datasheet
101Kb / 1P
3.3V SURFACE MOUNT CRYSTAL CLOCK OSCILLATOR WITH ENABLE / DISABLE
logo
Vishay Siliconix
XO-52 VISHAY-XO-52_11 Datasheet
80Kb / 3P
Half Size Clock Oscillator Enable/Disable
08-Mar-11
XO-523 VISHAY-XO-523_11 Datasheet
80Kb / 3P
Half Size Clock Oscillator Enable/Disable
08-Mar-11
XOSM-52 VISHAY-XOSM-52_11 Datasheet
87Kb / 3P
Half Size Clock Oscillator Enable/Disable
08-Mar-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com