Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEU655 Datasheet (PDF) - VBsemi Electronics Co.,Ltd

CEU655 Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # CEU655
Download  CEU655 Download
File Size   1010.18 Kbytes
Page   7 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 200 V (D-S) MOSFET

CEU655 Datasheet (PDF)

Go To PDF Page Download Datasheet
CEU655 Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # CEU655
Download  CEU655 Click to download

File Size   1010.18 Kbytes
Page   7 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 200 V (D-S) MOSFET

CEU655 Datasheet (HTML) - VBsemi Electronics Co.,Ltd


CEU655 Product details

FEATURES
• TrenchFET® Power MOSFET
• 175 °C Junction Temperature
• PWM Optimized
• 100 % Rg Tested
• Compliant to RoHS Directive 2002/95/EC

APPLICATIONS
• Primary Side Switch




Similar Part No. - CEU655

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEU655 CET-CEU655 Datasheet
655Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
SHENZHEN DOINGTER SEMIC...
CEU655 DOINGTER-CEU655 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
CET-MOS Technology Corp...
CEU655 CET-MOS-CEU655 Datasheet
641Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2011.Nov
More results


Similar Description - CEU655

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
N-Channel 200-V (D-S) MOSFET
24-Nov-03
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
N-Channel 200-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
N-Channel 200-V (D-S) MOSFET
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
N-Channel 200 V (D-S) MOSFET
04-Jul-16
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
N-Channel 200 V (D-S) MOSFET
23-May-16
logo
Analog Power
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
N-Channel 200-V (D-S) MOSFET
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
N-Channel 200-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
2SK2382 VBSEMI-2SK2382 Datasheet
1Mb / 9P
N-Channel 200 V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com