Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2012D Datasheet (PDF) - Littelfuse

S2012D Datasheet PDF - Littelfuse
Part # S2012D
Download  S2012D Download
File Size   212.84 Kbytes
Page   12 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SCRs (1 A to 70 A)

S2012D Datasheet (PDF)

Go To PDF Page Download Datasheet
S2012D Datasheet PDF - Littelfuse

Part # S2012D
Download  S2012D Click to download

File Size   212.84 Kbytes
Page   12 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SCRs (1 A to 70 A)

S2012D Datasheet (HTML) - Littelfuse


S2012D Product details

General Description
The Teccor line of thyristor SCR semi-conductors are half-wave, unidirectional, gate-controlled rectifiers which complement Teccors line of sensitive SCRs. Teccor offers devices with ratings of 1 A to 70 A and 200 V to 1000 V, with gate sensitivities from 10 mA to 50 mA. If gate currents in the 12 µA to 500 µA ranges are required, see “Sensitive SCRs” section of this catalog.
Three packages are offered in electrically isolated construction where the case or tab is internally isolated to allow the use of low-cost assembly and convenient packaging techniques. The Teccor line of SCRs features glass-passivated junctions to ensure long-term reliability and parameter stability. Teccor’s glass offers a rugged, reliable barrier against junction contamination.
Variations of devices covered in this data sheet are available for custom design applications. Consult the factory for more information.

Features
• RoHS Compliant
• Electrically-isolated package
• High voltage capability — 200 V to 1000 V
• High surge capability — up to 950 A
• Glass-passivated chip

Compak SCR
• Surface mount package — 1 A series
• New small profile three-leaded Compak package
• Packaged in embossed carrier tape with 2,500 devices per reel
• Can replace SOT-223




Similar Part No. - S2012D

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S2012D TECCOR-S2012D Datasheet
222Kb / 12P
SCRs
logo
Littelfuse
S2012D LITTELFUSE-S2012D Datasheet
218Kb / 12P
RoHS Compliant, Electrically-isolated package
S2012D LITTELFUSE-S2012D Datasheet
218Kb / 12P
RoHS Compliant
logo
List of Unclassifed Man...
S2012D ETC2-S2012D Datasheet
218Kb / 12P
RoHS Compliant
logo
Littelfuse
S2012DRP LITTELFUSE-S2012DRP Datasheet
218Kb / 12P
New small profile three-leaded Compak package
More results


Similar Description - S2012D

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S031E TECCOR-S031E Datasheet
1Mb / 12P
SCRs 1-70 AMPS NON-SENSITIVE GATE
logo
Microsemi Corporation
AA100 MICROSEMI-AA100 Datasheet
128Kb / 3P
SCRs .5 A, Planar
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
logo
STMicroelectronics
TN1625 STMICROELECTRONICS-TN1625 Datasheet
108Kb / 9P
16 A standard SCRs
07-Nov-2007
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
P0109AL-5AA4 STMICROELECTRONICS-P0109AL-5AA4 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
logo
List of Unclassifed Man...
TXN625RG ETC2-TXN625RG Datasheet
116Kb / 10P
Standard 25 A SCRs
logo
STMicroelectronics
TXN625RG STMICROELECTRONICS-TXN625RG Datasheet
116Kb / 10P
Standard 25 A SCRs
07-Feb-2012
TN2540 STMICROELECTRONICS-TN2540 Datasheet
208Kb / 11P
Standard 25 A SCRs
20-Aug-2014
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
Sensitive high immunity SCRs up to 0.8 A
26-Jan-2009
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com