Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9209 Datasheet (PDF) - Maxim Integrated Products

MAX9209 Datasheet PDF - Maxim Integrated Products
Part # MAX9209
Download  MAX9209 Download
File Size   477.18 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Programmable DC-Balanced 21-Bit Serializers

MAX9209 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9209 Datasheet PDF - Maxim Integrated Products

Part # MAX9209
Download  MAX9209 Click to download

File Size   477.18 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Programmable DC-Balanced 21-Bit Serializers

MAX9209 Datasheet (HTML) - Maxim Integrated Products


MAX9209 Product details

General Description
The MAX9209/MAX9213 serialize 21 bits of LVTTL/LVCMOS parallel input data to three LVDS outputs. A parallel rate clock on a fourth LVDS output provides timing for deserialization.
The MAX9209/MAX9213 feature programmable DC balance, which allows isolation between the serializer and deserializer using AC-coupling. The DC balance circuits on each channel code the data, limiting the imbalance of transmitted ones and zeros to a defined range. The companion MAX9210/MAX9214 deserializers decode the data. When DC balance is not programmed, the serializers are compatible with non-DC-balanced, 21-bit serializers such as the DS90CR215 and DS90CR217.
Two frequency ranges and two DC-balance default conditions are available for maximum replacement flexibility and compatibility with existing non-DC-balanced serializers.
The MAX9209/MAX9213 are available in TSSOP and space-saving TQFN packages.

Features
♦ Programmable DC-Balanced or Non-DC-Balanced
   Operation
♦ DC Balance Allows AC-Coupling for Ground-Shift
   Tolerance
♦ As Low as 8MHz Operation
♦ Pin Compatible with DS90CR215 and DS90CR217
   in Non-DC-Balanced Mode
♦ Integrated 110Ω (DC-Balanced) and 410Ω (Non
   DC-Balanced) Output Resistors
♦ 5V Tolerant LVTTL/LVCMOS Data Inputs
♦ PLL Requires No External Components
♦ Up to 1.785Gbps Throughput
♦ LVDS Outputs Meet IEC 61000-4-2 and ISO 10605
   Requirements
♦ LVDS Outputs Conform to ANSI TIA/EIA-644
   LVDS Standard
♦ Low-Profile 48-Lead TSSOP and Space-Saving
   TQFN Packages
♦ -40°C to +85°C Operating Temperature Range
♦ +3.3V Supply

Applications
   Automotive Navigation Systems
   Automotive DVD Entertainment Systems
   Digital Copiers
   Laser Printers




Similar Part No. - MAX9209

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9209 MAXIM-MAX9209 Datasheet
319Kb / 20P
Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209 MAXIM-MAX9209 Datasheet
597Kb / 18P
Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
MAX9209 MAXIM-MAX9209 Datasheet
578Kb / 10P
Fully Assembled and Tested
Rev 0; 9/08
MAX9209ETM MAXIM-MAX9209ETM Datasheet
319Kb / 20P
Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209ETM MAXIM-MAX9209ETM Datasheet
321Kb / 21P
Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
More results


Similar Description - MAX9209

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9220 MAXIM-MAX9220 Datasheet
904Kb / 18P
Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04
logo
Fairchild Semiconductor
FIN1217 FAIRCHILD-FIN1217_05 Datasheet
455Kb / 17P
LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9210 MAXIM-MAX9210_07 Datasheet
194Kb / 17P
Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
MAX9209 MAXIM-MAX9209_12 Datasheet
597Kb / 18P
Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
logo
Fairchild Semiconductor
FIN1215MTDX FAIRCHILD-FIN1215MTDX Datasheet
702Kb / 20P
LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Maxim Integrated Produc...
MAX9210 MAXIM-MAX9210_V01 Datasheet
1Mb / 17P
Programmable DC-Balance 21-Bit Deserializers
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com