Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP1645 Datasheet (PDF) - Vishay Siliconix

MDP1645 Datasheet PDF - Vishay Siliconix
Part # MDP1645
Download  MDP1645 Download
File Size   89.46 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thick Film Resistor Networks, Dual-In-Line, Molded DIP

MDP1645 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDP1645 Datasheet PDF - Vishay Siliconix

Part # MDP1645
Download  MDP1645 Click to download

File Size   89.46 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thick Film Resistor Networks, Dual-In-Line, Molded DIP

MDP1645 Datasheet (HTML) - Vishay Siliconix


MDP1645 Product details

FEATURES
• 0.190" [4.83mm] maximum seated height
• Rugged, molded case construction
• Low temperature coefficient (- 55°C to + 125°C),
   MDP 1645: ± 100ppm/°C, MDP 1646: ± 250ppm/°C
• Compatible with automatic insertion equipment
• Highly stable thick film
• Reduces PC board space and reduces total assembly costs
• Available in tube pack




Similar Part No. - MDP1645

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP1645D04 VISHAY-MDP1645D04 Datasheet
276Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
28-Jul-06
MDP1645D04 VISHAY-MDP1645D04 Datasheet
97Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
29-Nov-13
MDP1645E04 VISHAY-MDP1645E04 Datasheet
276Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
28-Jul-06
MDP1645E04 VISHAY-MDP1645E04 Datasheet
97Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
29-Nov-13
More results


Similar Description - MDP1645

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
06-Aug-02
logo
List of Unclassifed Man...
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
Dual-In-Line Thick Film Resistor Networks
logo
Vishay Siliconix
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
Thick Film, Dual-in-Line Resistor Networks
21-Aug-06
SOGC45 VISHAY-SOGC45 Datasheet
299Kb / 3P
Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
21-Aug-06
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
28-Jul-06
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
28-Jul-06
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
10-Jun-10
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
12-Sep-13
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
29-Nov-13
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
13-Feb-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com