Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC6424 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC6424 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC6424
Download  VSC6424 Download
File Size   364.91 Kbytes
Page   18 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 500 Mb/s Video Shift Register IC

VSC6424 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC6424 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC6424
Download  VSC6424 Click to download

File Size   364.91 Kbytes
Page   18 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 500 Mb/s Video Shift Register IC

VSC6424 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC6424 Product details

General Description
The VSC6424 is a 500Mb/s video shift register IC that is based on a 40-bit user-configured shift register. The shift register may be used either as a multiplexer (parallel in, serial out) or as a demultiplexer (serial in, parallel out). The VSC6424 can be configured into 8 5-bit, 8 4-bit, 5 8-bit, 4 10-bit, 2 16-bit, 2 20-bit, 1 32-bit, or 1 40-bit shift register.

Features
• Multiplex or Demultiplex Operation
• Selectable Shift Register Length
• 500Mb/s Operation using internal timing
• 250Mb/s Operation using external timing
• Functional Replacement for Bt424
• External ECL Reference Voltage (-1.32 V)
• ECL and TTL I/Os: ECL for high-speed interface, TTL for low-speed interface
• Power Supplies: +3.3V and -2V @ 2.7 Watts (Max.)
• Commercial (0o to +70oC) Temperature Range
• Package: 14mm x 20mm 128 PQFP




Similar Part No. - VSC6424

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC6464 VITESSE-VSC6464 Datasheet
90Kb / 10P
64x64 Crosspoint Switch
More results


Similar Description - VSC6424

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN8643S PANASONIC-DN8643S Datasheet
42Kb / 4P
24-bit Shift Register Latch Driver IC
DN8648FBP PANASONIC-DN8648FBP Datasheet
45Kb / 4P
32-bit Shift Register Latch Driver IC
logo
Microsemi Corporation
TSC375 MICROSEMI-TSC375 Datasheet
676Kb / 4P
Shift Register
logo
Toshiba Semiconductor
TC74HC166AP TOSHIBA-TC74HC166AP Datasheet
357Kb / 9P
8-BIT SHIFT REGISTER(P-IN, S-OUT)
TC74HC164AP TOSHIBA-TC74HC164AP_07 Datasheet
372Kb / 10P
8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP_07 Datasheet
504Kb / 11P
8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_07 Datasheet
271Kb / 11P
8-Bit Shift Register (S-IN, P-OUT)
TC74AC164F TOSHIBA-TC74AC164F_12 Datasheet
259Kb / 9P
8-Bit Shift Register (S-IN, P-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_12 Datasheet
230Kb / 10P
8-Bit Shift Register (S-IN, P-OUT)
logo
Shenzhen Putianhe Techn...
TM74HC595 PTH-TM74HC595 Datasheet
682Kb / 7P
CMOS shift register
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com