Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA1-2850/883 Datasheet (PDF) - Intersil Corporation

HA1-2850/883 Datasheet PDF - Intersil Corporation
Part # HA1-2850/883
Download  HA1-2850/883 Download
File Size   308.08 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power, High Slew Rate, Wideband Operational Amplifier

HA1-2850/883 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA1-2850/883 Datasheet PDF - Intersil Corporation

Part # HA1-2850/883
Download  HA1-2850/883 Click to download

File Size   308.08 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power, High Slew Rate, Wideband Operational Amplifier

HA1-2850/883 Datasheet (HTML) - Intersil Corporation


HA1-2850/883 Product details

Description

The HA-2850/883 is a wideband, high slew rate, operational amplifier featuring superior speed and bandwidth characteristics. It also features trimmed supply current, which minimizes supply current (and thus AC parameter) variation over process and temperature extremes. For example, the ICC variation over the entire military temperature range is typically less than 0.5mA. Bipolar construction, coupled with dielectric isolation, delivers outstanding perfor mance in circuits with closed loop gains ≥10.



Features

• This Circuit is Processed in Accordance to MIL-STD-883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1.

• Low Supply Current. . . . . . . . . . . . . . . . . . 8.0mA (Max)

• Low Offset Voltage . . . . . . . . . . . . . . . . . . .2.0mV (Max)

• High Slew Rate. . . . . . . . . . . . . . . . . . . . . 340V/µs (Typ)

• Open Loop Gain. . . . . . . . . . . . . . . . . . . . . 20kV/V (Min)

• Wide Gain-Bandwidth (AV ≥ 10) . . . . . . . 470MHz (Typ)

• Input Noise Voltage at 1kHz . . . . . . . . . 11nV/√Hz (Typ)

• Lower Power Replacement for HA-2540/883, AD840



Applications

• Pulse and Video Amplifiers

• Wideband Amplifiers

• High Speed Sample-Hold Circuits

• Fast, Precise D/A Converters



 




Similar Part No. - HA1-2850/883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-2839-5 INTERSIL-HA1-2839-5 Datasheet
134Kb / 7P
600MHz, Very High Slew Rate Operational Amplifier
July 1994
logo
Harris Corporation
HA1-2839-5 HARRIS-HA1-2839-5 Datasheet
140Kb / 7P
600MHz, Very High Slew Rate Operational Amplifier
HA1-2839-5 HARRIS-HA1-2839-5 Datasheet
131Kb / 8P
63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HA1-2840/883 INTERSIL-HA1-2840/883 Datasheet
168Kb / 12P
Very High Slew Rate, Wideband Operational Amplifier
July 1994
HA1-2840883 INTERSIL-HA1-2840883 Datasheet
168Kb / 12P
Very High Slew Rate, Wideband Operational Amplifier
July 1994
More results


Similar Description - HA1-2850/883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
Very High Slew Rate, Wideband Operational Amplifier
July 1994
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
Very High Slew Rate, Wideband Operational Amplifier
July 1994
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
High Slew Rate Operational Amplifier
October 26, 2004
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
Precision, High Slew Rate, Wideband Operational Amplifier
July 1997
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
Very High Slew Rate Wideband Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2850 INTERSIL-HA-2850_03 Datasheet
389Kb / 8P
470MHz, Low Power, High Slew Rate Operational Amplifier
May 2003
logo
Renesas Technology Corp
HA-2850 RENESAS-HA-2850 Datasheet
537Kb / 7P
470MHz, Low Power, High Slew Rate Operational Amplifier
May 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com