Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HI1106 Datasheet (PDF) - Intersil Corporation

HI1106 Datasheet PDF - Intersil Corporation
Part # HI1106
Download  HI1106 Download
File Size   691.23 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 35 MSPS, High Speed D/A Converter (TTL Input)

HI1106 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI1106 Datasheet PDF - Intersil Corporation

Part # HI1106
Download  HI1106 Click to download

File Size   691.23 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 35 MSPS, High Speed D/A Converter (TTL Input)

HI1106 Datasheet (HTML) - Intersil Corporation


HI1106 Product details

Description
The HI1106 is an 8-bit, 35MHz, high-speed D/A converter IC. Summing type current for the upper 2 bits and ladder type resistance for the lower 6 bits, ensures a low power consumption of 200mW (single power supply).
This IC is suitable for digital TVs, graphic displays and other applications.

Features
• Resolution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8-Bit
• High Speed Operation . . . . . . . . . . . . . . . . . . . . . 35MHz (Maximum Conversion Speed)
• Non-Linearity . . . . . . . . . . . . . . . . . Less Than ±1/2 LSB
• Low Glitch
• TTL Compatible Input
• Power Supply
    - Single . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V
    - Dual . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±5V
• Low Power Consumption
    - +5V Single Power Supply (Typ) . . . . . . . . . . 200mW
    - ±5V Dual Power Supply (Typ) . . . . . . . . . . . . 400mW
• Direct Replacement for the Sony CXA1106




Similar Part No. - HI1106

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI1109 HSMC-HI1109 Datasheet
30Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Similar Description - HI1106

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1106P SONY-CXA1106P Datasheet
350Kb / 19P
8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
logo
Analog Devices
AD9012 AD-AD9012 Datasheet
141Kb / 8P
High Speed 8-Bit TTL A/D Converter
REV.D
logo
Intersil Corporation
HI1171 INTERSIL-HI1171 Datasheet
42Kb / 7P
8-Bit, 40 MSPS, High Speed D/A Converter
August 1997
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Sony Corporation
CXA1096M SONY-CXA1096M Datasheet
560Kb / 16P
8-bit MSPS Flash A/D Converter (TTL I/O)
logo
Intersil Corporation
HI1171 INTERSIL-HI1171_05 Datasheet
119Kb / 7P
8-Bit, 40 MSPS, High Speed D/A Converter
October 26, 2005
HI1179 INTERSIL-HI1179_05 Datasheet
303Kb / 15P
8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
logo
Analog Devices
AD9012 AD-AD9012_15 Datasheet
263Kb / 8P
High Speed 8-Bit TTL A/D Converter
REV. F
logo
Renesas Technology Corp
HI1171 RENESAS-HI1171 Datasheet
382Kb / 7P
8-Bit, 40 MSPS, High Speed D/A Converter
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com