Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7112 Datasheet (PDF) - Intersil Corporation

ICL7112 Datasheet PDF - Intersil Corporation
Part # ICL7112
Download  ICL7112 Download
File Size   758.58 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-Bit, High-Speed, CMOS uP-Compatible A/D Converter

ICL7112 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7112 Datasheet PDF - Intersil Corporation

Part # ICL7112
Download  ICL7112 Click to download

File Size   758.58 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-Bit, High-Speed, CMOS uP-Compatible A/D Converter

ICL7112 Datasheet (HTML) - Intersil Corporation


ICL7112 Product details

Description

The ICL7112 is a monolithic 12-bit resolution, fast successive approximation A/D converter. It uses thin film resistors and CMOS circuitry combined with an on-chip PROM calibration table to achieve 12-bit linearity without laser trimming. Special design techniques used in the DAC and comparator result in high speed operation, while the fully static silicon-gate CMOS circuitry keeps the power dissipation very low.



Features

• 12-Bit Resolution and Accuracy

• No Missing Codes

• Microprocessor Compatible Byte-Organized Buffered Outputs

• Auto-Zeroed Comparator for Low Offset Voltage

• Low Linearity and Gain Errors

• Low Power Consumption (60mW)

• No Gain or Offset Adjustment Necessary

• Provides 3% Usable Overrange

• Fast Conversion (40µs)



 




Similar Part No. - ICL7112

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7115 INTERSIL-ICL7115 Datasheet
516Kb / 14P
14-Bit High-Speed CMOS UP-Compatible A/D Converter
ICL7115 INTERSIL-ICL7115 Datasheet
4Mb / 122P
P-CHANNEL JFET
ICL7115JCDL INTERSIL-ICL7115JCDL Datasheet
516Kb / 14P
14-Bit High-Speed CMOS UP-Compatible A/D Converter
ICL7115JCJL INTERSIL-ICL7115JCJL Datasheet
6Mb / 180P
Data Acquisition
ICL7115JIDL INTERSIL-ICL7115JIDL Datasheet
516Kb / 14P
14-Bit High-Speed CMOS UP-Compatible A/D Converter
More results


Similar Description - ICL7112

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD394 AD-AD394 Datasheet
605Kb / 8P
uP Compatible Multiplying Quad 12-Bit D/A Converter
ADC912A AD-ADC912A Datasheet
237Kb / 16P
CMOS Microprocessor-Compatible 12-Bit A/D Converter
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
High Speed 12 Bit A/D Converter
logo
List of Unclassifed Man...
HT574 ETC-HT574 Datasheet
86Kb / 8P
HIGH TEMPERATURE UP COMPATIBLE 12-BIT A/D CONVERTER
MN674A ETC1-MN674A Datasheet
504Kb / 8P
UP-COMPATIBLE 15 usec 12-Bit A/D CONVERTER
logo
Intersil Corporation
ICL7115 INTERSIL-ICL7115 Datasheet
516Kb / 14P
14-Bit High-Speed CMOS UP-Compatible A/D Converter
HI5860 INTERSIL-HI5860_08 Datasheet
477Kb / 12P
12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
logo
Analog Devices
AD394KD AD-AD394KD Datasheet
626Kb / 12P
Up-Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
ADC912A AD-ADC912A_15 Datasheet
225Kb / 16P
CMOS Microprocessor-Compatible 12-Bit A/D Converter
REV. B
HAS-1204 AD-HAS-1204_15 Datasheet
947Kb / 4P
ULTRA HIGH SPEED 12 BIT A/D CONVERTER
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com