Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8603 Datasheet (PDF) - Sipex Corporation

SP8603 Datasheet PDF - Sipex Corporation
Part # SP8603
Download  SP8603 Download
File Size   205.01 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 12-Bit Sampling A/D Converters

SP8603 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8603 Datasheet PDF - Sipex Corporation

Part # SP8603
Download  SP8603 Click to download

File Size   205.01 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 12-Bit Sampling A/D Converters

SP8603 Datasheet (HTML) - Sipex Corporation


SP8603 Product details

DESCRIPTION…
TheSP86XX Seriesare complete, unipolar, 12-bit sampling A/D converters using state-of-the-art CMOS structures. They contain a complete 12-bit successive approximation A/D converter with internal sample/hold, reference, clock, digital interface for microprocessor control, and three-state output drivers. Power dissipation is only 90mW. AC and DC performance are completely specified. Sampling/conversion rates of 3µs, 5µs and 10µs are offered.

■ 3µs, 5µs or 10µs Sample/Conversion Time
■ Unipolar 0V to +10V and 0V to +5V Input
■ No Missing Codes Over Temperature
■ AC Performance Over Temperature
   72dB Signal–to–Noise Ratio at Nyquist
   85dB Spurious–free Dynamic Range at
   49kHz
   –81dB Total Harmonic Distortion at 49kHz
■ Internal Sample/Hold, Reference,
   Clock, and 3-State Outputs
■ Power Dissipation: 90mW
■ 28–Pin Narrow PDIP and SOIC Packages




Similar Part No. - SP8603

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SP8601 SAMHOP-SP8601 Datasheet
103Kb / 7P
Super high dense cell design for low RDS(ON).
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
ADVANCE INFORMATION
SP8602ACM ZARLINK-SP8602ACM Datasheet
320Kb / 7P
ADVANCE INFORMATION
SP8602BCM ZARLINK-SP8602BCM Datasheet
320Kb / 7P
ADVANCE INFORMATION
SP8604 ZARLINK-SP8604 Datasheet
320Kb / 7P
ADVANCE INFORMATION
More results


Similar Description - SP8603

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
12-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
12-Bit, 10MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
12-Bit, 5MHz, Low-Power Sampling A/D Converters
logo
Sipex Corporation
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
12-Bit Sampling A/D Converters
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
12-bit Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273_1 Datasheet
321Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-235 MURATA-PS-ADS-235 Datasheet
406Kb / 8P
12-Bit, 5MHz and 9MHz Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273_15 Datasheet
327Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com