Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP87022 Datasheet (PDF) - Microchip Technology

MCP87022 Datasheet PDF - Microchip Technology
Part # MCP87022
Download  MCP87022 Download
File Size   679.04 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Speed N-Channel Power MOSFET

MCP87022 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP87022 Datasheet PDF - Microchip Technology

Part # MCP87022
Download  MCP87022 Click to download

File Size   679.04 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Speed N-Channel Power MOSFET

MCP87022 Datasheet (HTML) - Microchip Technology


MCP87022 Product details

Description
The MCP87022 is an N-Channel power MOSFET in a popular PDFN 5 mm x 6 mm package. Advanced packaging and silicon processing technologies allow the MCP87022 to achieve a low QG for a given RDS(on) value, resulting in a low Figure of Merit (FOM). Combined with low RG, the low Figure of Merit of the MCP87022 allows high efficiency power conversion with reduced switching and conduction losses.

Features:
• Low Drain-to-Source On Resistance (RDS(ON))
• Low Total Gate Charge (QG) and Gate-to-Drain Charge (QGD)
• Low Series Gate Resistance (RG)
• Fast Switching
• Capable of Short Dead-Time Operation
• ROHS Compliant

Applications
• Point-of-Load DC-DC Converters
• High Efficiency Power Management in Servers, Networking and Automotive Applications




Similar Part No. - MCP87022

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP87022 MICROCHIP-MCP87022_12 Datasheet
679Kb / 16P
High-Speed N-Channel Power MOSFET
2012 10/26/12
More results


Similar Description - MCP87022

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP87018 MICROCHIP-MCP87018 Datasheet
666Kb / 14P
High-Speed N-Channel Power MOSFET
11/29/12
MCP87030 MICROCHIP-MCP87030 Datasheet
593Kb / 14P
High-Speed N-Channel Power MOSFET
11/29/12
MCP87090 MICROCHIP-MCP87090 Datasheet
995Kb / 18P
High-Speed N-Channel Power MOSFET
11/29/12 2013
MCP87130 MICROCHIP-MCP87130 Datasheet
1Mb / 18P
High-Speed N-Channel Power MOSFET
11/29/12 2013
MCP87022 MICROCHIP-MCP87022_12 Datasheet
679Kb / 16P
High-Speed N-Channel Power MOSFET
2012 10/26/12
MCP87055 MICROCHIP-MCP87055_12 Datasheet
663Kb / 16P
High-Speed N-Channel Power MOSFET
2012 10/26/12
MCP87030 MICROCHIP-MCP87030_13 Datasheet
677Kb / 16P
High-Speed N-Channel Power MOSFET
11/29/12
MCP87018 MICROCHIP-MCP87018_13 Datasheet
719Kb / 16P
High-Speed N-Channel Power MOSFET
11/29/12
MCP87050 MICROCHIP-MCP87050 Datasheet
758Kb / 16P
High-Speed N-Channel Power MOSFET
10/26/12
MCP87055 MICROCHIP-MCP87055 Datasheet
663Kb / 16P
High-Speed N-Channel Power MOSFET
10/26/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com