Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3564 Datasheet (PDF) - Toshiba Semiconductor

K3564 Datasheet PDF - Toshiba Semiconductor
Part # K3564
Download  K3564 Download
File Size   94.43 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)

K3564 Datasheet (PDF)

Go To PDF Page Download Datasheet
K3564 Datasheet PDF - Toshiba Semiconductor

Part # K3564
Download  K3564 Click to download

File Size   94.43 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)

K3564 Datasheet (HTML) - Toshiba Semiconductor


K3564 Product details

Switching Regulator Applications
   
• Low drain-source ON resistance: RDS (ON) = 3.7Ω (typ.)
• High forward transfer admittance: |Yfs| = 2.6 S (typ.)
• Low leakage current: IDSS = 100 μ A (VDS = 720 V)
• Enhancement-mode: Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA)
   




Similar Part No. - K3564

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
K3561 TOSHIBA-K3561 Datasheet
210Kb / 6P
Switching Regulator Applications
logo
List of Unclassifed Man...
K3561-K60 ETC2-K3561-K60 Datasheet
323Kb / 17P
Multilayer Chip Capacitors
logo
Toshiba Semiconductor
K3562 TOSHIBA-K3562 Datasheet
213Kb / 6P
Switching Regulator Applications
logo
List of Unclassifed Man...
K3562-K62 ETC2-K3562-K62 Datasheet
323Kb / 17P
Multilayer Chip Capacitors
logo
EPCOS
K3562M EPCOS-K3562M Datasheet
107Kb / 8P
IF Filter for Quasi/Split Sound Applications 38,00 MHz
More results


Similar Description - K3564

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8202 TOSHIBA-TPC8202 Datasheet
339Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
20-Feb-2003
2SK2613 TOSHIBA-2SK2613 Datasheet
232Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSIII)
2SK3125 TOSHIBA-2SK3125 Datasheet
226Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
23-Aug-2002
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
12-Aug-2002
2SK3543 TOSHIBA-2SK3543 Datasheet
234Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
04-Sep-2002
2SK3562 TOSHIBA-2SK3562 Datasheet
232Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
01-Jul-2004
2SK3563 TOSHIBA-2SK3563 Datasheet
348Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
27-Jan-2003
2SK3565 TOSHIBA-2SK3565 Datasheet
341Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
11-Dec-2002
2SK3567 TOSHIBA-2SK3567 Datasheet
94Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
15-Apr-2003
2SK3761 TOSHIBA-2SK3761 Datasheet
89Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
26-Feb-2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com