Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KP51A Datasheet (PDF) - Formosa MS

3KP51A Datasheet PDF - Formosa MS
Part # 3KP51A
Download  3KP51A Download
File Size   69.23 Kbytes
Page   4 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts

3KP51A Datasheet (PDF)

Go To PDF Page Download Datasheet
3KP51A Datasheet PDF - Formosa MS

Part # 3KP51A
Download  3KP51A Click to download

File Size   69.23 Kbytes
Page   4 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts

3KP51A Datasheet (HTML) - Formosa MS


3KP51A Product details

Features
● Axial lead type devices for through hole design.
● 3kW peak pulse power capability with a 10/1000us
   waveform, repetition rate (duty cycle): 0.01%
● Excellent clamping capability.
● Low incremental surge resistance.
● Fast response time from 0V to VBR , typically less than
   1 ps for uni-directional & 5 ns for bi-directional types.
● Glass passivated chip junction
● Lead-free parts meet environmental standards of
   MIL-STD-19500 /228
● Suffix "-H" indicates Halogen-free part, ex.3KP5.0A-H.




Similar Part No. - 3KP51A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP51A PANJIT-3KP51A Datasheet
173Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Surge Components
3KP51A SURGE-3KP51A Datasheet
206Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Won-Top Electronics
3KP51A WTE-3KP51A Datasheet
68Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
DB Lectro Inc
3KP51A DBLECTRO-3KP51A Datasheet
149Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
logo
Won-Top Electronics
3KP51A WTE-3KP51A Datasheet
82Kb / 6P
3000W TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 3KP51A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
15KP PANJIT-15KP Datasheet
63Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power)
3KP PANJIT-3KP Datasheet
173Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
List of Unclassifed Man...
1N6373 ETC-1N6373 Datasheet
139Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power
logo
DB Lectro Inc
3KP DBLECTRO-3KP Datasheet
149Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
5KP DBLECTRO-5KP Datasheet
146Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power
logo
Leshan Radio Company
SA5.0 LRC-SA5.0 Datasheet
189Kb / 9P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts
logo
StarHope
3KP SPSEMI-3KP Datasheet
429Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
logo
MDE Semiconductor, Inc.
ICTE5.0 MDE-ICTE5.0 Datasheet
55Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power
logo
StarHope
TVS-3KP SPSEMI-TVS-3KP Datasheet
322Kb / 6P
Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com