Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC74VHCT240AM Datasheet (PDF) - ON Semiconductor

MC74VHCT240AM Datasheet PDF - ON Semiconductor
Part # MC74VHCT240AM
Download  MC74VHCT240AM Download
File Size   168.38 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal Bus Buffer/Line Driver

MC74VHCT240AM Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHCT240AM Datasheet PDF - ON Semiconductor

Part # MC74VHCT240AM
Download  MC74VHCT240AM Click to download

File Size   168.38 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal Bus Buffer/Line Driver

MC74VHCT240AM Datasheet (HTML) - ON Semiconductor


MC74VHCT240AM Product details

Octal Bus Buffer/Line Driver Inverting with 3−State Outputs

The MC74VHCT240A is an advanced high speed CMOS octal bus buffer fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The MC74VHCT240A is an inverting 3−state buffer, and has two active−low output enables. This device is designed to be used with 3−state memory address drivers, etc.

Features
• High Speed: tPD = 5.6 ns (Typ) at VCC = 5.0 V
• Low Power Dissipation: ICC = 4 μA (Max) at TA = 25°C
• TTL−Compatible Inputs: VIL = 0.8 V; VIH = 2.0 V
• Power Down Protection Provided on Inputs and Outputs
• Balanced Propagation Delays
• Designed for 4.5 V to 5.5 V Operating Range
• Low Noise: VOLP = 1.1 V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300 mA
• ESD Performance:
    Human Body Model > 2000 V;
    Machine Model > 200 V
• Chip Complexity: 110 FETs or 27.5 Equivalent Gates
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - MC74VHCT240AM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT240AMELG ONSEMI-MC74VHCT240AMELG Datasheet
146Kb / 7P
Octal Bus Buffer/Line Driver Inverting with 3?뭆tate Outputs
May, 2011 ??Rev. 6
More results


Similar Description - MC74VHCT240AM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC240 ONSEMI-MC74VHC240 Datasheet
173Kb / 6P
Octal Bus Buffer/Line Driver
1997 REV 0
logo
Diodes Incorporated
74LVCH244A DIODES-74LVCH244A Datasheet
469Kb / 10P
OCTAL BUFFER/LINE DRIVER WITH BUS HOLD
Rev 1
logo
ON Semiconductor
MC74VHCT240A ONSEMI-MC74VHCT240A_15 Datasheet
99Kb / 6P
Octal Bus Buffer/Line Driver
October, 2014 ??Rev. 7
MC74VHC245 ONSEMI-MC74VHC245_11 Datasheet
136Kb / 8P
Octal Bus Buffer/Line Driver
May, 2011 ??Rev. 6
74AC541 ONSEMI-74AC541 Datasheet
349Kb / 13P
Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
74VHC244 ONSEMI-74VHC244 Datasheet
205Kb / 10P
Octal Buffer/Line Driver
Revised April 2005
74VHC541 ONSEMI-74VHC541 Datasheet
203Kb / 9P
Octal Buffer/Line Driver
Revised May 2005
74VHCT244A ONSEMI-74VHCT244A Datasheet
237Kb / 11P
Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT245A ONSEMI-74VHCT245A Datasheet
240Kb / 11P
Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT541A ONSEMI-74VHCT541A Datasheet
204Kb / 9P
Octal Buffer/Line Driver
Revised April 2005
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com