Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JW050A Datasheet (PDF) - Tyco Electronics

JW050A Datasheet PDF - Tyco Electronics
Part # JW050A
Download  JW050A Download
File Size   1036.58 Kbytes
Page   20 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W

JW050A Datasheet (PDF)

Go To PDF Page Download Datasheet
JW050A Datasheet PDF - Tyco Electronics

Part # JW050A
Download  JW050A Click to download

File Size   1036.58 Kbytes
Page   20 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W

JW050A Datasheet (HTML) - Tyco Electronics


JW050A Product details

Description
The JW050A, JW075A, JW100A, and JW150A Power Modules are dc-dc converters that operate over an input voltage range of 36 Vdc to 75 Vdc and provide a precisely regulated dc output. The outputs are fully isolated from the inputs, allowing versatile polarity configurations and grounding connections. The modules have maximum power ratings from 50 W to 150 W at a typical full-load efficiency of 84%.
The sealed modules offer a metal baseplate for excellent thermal performance. Threaded-through holes are provided to allow easy mounting or addition of a heat sink for high-temperature applications. The standard feature set includes remote sensing, output trim, and remote on/off for convenient flexibility in distributed power applications.

Features
■ Small size: 61.0 mm x 57.9 mm x 12.7 mm (2.40 in. x 2.28 in. x 0.50 in.)
■ High power density
■ High efficiency: 84% typical
■ Low output noise
■ Constant frequency
■ Industry-standard pinout
■ Metal baseplate
■ 2:1 input voltage range
■ Overtemperature protection (100 W and 150 W only)
■ Overcurrent and overvoltage protection
■ Remote sense
■ Remote on/off
■ Adjustable output voltage: 60% to 110% of VO, nom
■ Case ground pin
■ ISO9001 Certified manufacturing facilities
■ UL* 1950 Recognized, CSA† C22.2 No. 950-95
   Certified, and VDE 0805 (EN60950, IEC950) Licensed
■ CE mark meets 73/23/EEC and 93/68/EEC directives‡

Applications
■ Distributed power architectures
■ Workstations
■ Computer equipment
■ Communications equipment




Similar Part No. - JW050A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JW050B LINEAGEPOWER-JW050B Datasheet
573Kb / 20P
dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
JW050F LINEAGEPOWER-JW050F Datasheet
838Kb / 20P
dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
More results


Similar Description - JW050A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC050S6R5 ETC1-FC050S6R5 Datasheet
1Mb / 14P
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
General Semiconductor
DW025AJ-M GE-DW025AJ-M Datasheet
719Kb / 20P
DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com