Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR320P Datasheet (PDF) - Formosa MS

SR320P Datasheet PDF - Formosa MS
Part # SR320P
Download  SR320P Download
File Size   62.06 Kbytes
Page   2 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description 3.0 AMP SCHOTTKY BARRIER RECTIFIERS

SR320P Datasheet (PDF)

Go To PDF Page Download Datasheet
SR320P Datasheet PDF - Formosa MS

Part # SR320P
Download  SR320P Click to download

File Size   62.06 Kbytes
Page   2 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description 3.0 AMP SCHOTTKY BARRIER RECTIFIERS

SR320P Datasheet (HTML) - Formosa MS


SR320P Product details

VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes

FEATURES
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction

MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
             method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 1.10 grams




Similar Part No. - SR320P

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
SR320PT CHENMKO-SR320PT Datasheet
80Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SR320P

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SMC320 FCI-SMC320 Datasheet
127Kb / 2P
3.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B_11 Datasheet
102Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
SR3200 SECOS-SR3200_05 Datasheet
147Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
SM3200B SECOS-SM3200B_15 Datasheet
89Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR3100.VF0.751 DGNJDZ-SR3100.VF0.751 Datasheet
239Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3100-3A-751-DO-27 DGNJDZ-SR3100-3A-751-DO-27 Datasheet
273Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3100-3A-DO-27 DGNJDZ-SR3100-3A-DO-27 Datasheet
256Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3200V-3A-DO-27 DGNJDZ-SR3200V-3A-DO-27 Datasheet
256Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB330-3A-DO-27 DGNJDZ-SB330-3A-DO-27 Datasheet
281Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB3150-3A-DO-27 DGNJDZ-SB3150-3A-DO-27 Datasheet
281Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com