Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC78FC40HT1 Datasheet (PDF) - ON Semiconductor

MC78FC40HT1 Datasheet PDF - ON Semiconductor
Part # MC78FC40HT1
Download  MC78FC40HT1 Download
File Size   84.88 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS

MC78FC40HT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC78FC40HT1 Datasheet PDF - ON Semiconductor

Part # MC78FC40HT1
Download  MC78FC40HT1 Click to download

File Size   84.88 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS

MC78FC40HT1 Datasheet (HTML) - ON Semiconductor


MC78FC40HT1 Product details

Micropower Voltage Regulator

The MC78FC00 series voltage regulators are specifically designed for use as a power source for video instruments, handheld communication equipment, and battery powered equipment.
The MC78FC00 series voltage regulator ICs feature a high accuracy output voltage and ultra−low quiescent current. Each device contains a voltage reference unit, an error amplifier, a driver transistor, and resistors for setting output voltage, and a current limit circuit. These devices are available in SOT−89 surface mount packages, and allow construction of an efficient, constant voltage power supply circuit.

Features
• Ultra−Low Quiescent Current of 1.1 A Typical
• Ultra−Low Dropout Voltage (100 mV at 10 mA)
• Large Output Current (up to 120 mA)
• Excellent Line Regulation (0.1%)
• Wide Operating Voltage Range (2.0 V to 10 V)
• High Accuracy Output Voltage (±2.5%)
• Wide Output Voltage Range (2.0 V to 6.0 V)
• Surface Mount Package (SOT−89)
• These are Pb−Free Devices




Similar Part No. - MC78FC40HT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78FC40HT1 MOTOROLA-MC78FC40HT1 Datasheet
90Kb / 4P
MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78FC40HT1 ONSEMI-MC78FC40HT1 Datasheet
55Kb / 8P
Micropower Voltage Regulator
April, 2001 ??Rev. 2
MC78FC40HT1G ONSEMI-MC78FC40HT1G Datasheet
145Kb / 5P
Micropower Voltage Regulator
December, 2009 ??Rev. 7
More results


Similar Description - MC78FC40HT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78FC00 MOTOROLA-MC78FC00 Datasheet
90Kb / 4P
MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
MC78LC00 MOTOROLA-MC78LC00 Datasheet
117Kb / 8P
MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78LC00 ONSEMI-MC78LC00 Datasheet
104Kb / 14P
MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
March, 2005 ??Rev. 8
logo
Linear Technology
LT1521 LINER-LT1521 Datasheet
294Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com