Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8502 Datasheet (PDF) - Analog Devices

ADD8502 Datasheet PDF - Analog Devices
Part # ADD8502
Download  ADD8502 Download
File Size   1436.27 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated LCD Grayscale Generator

ADD8502 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADD8502 Datasheet PDF - Analog Devices

Part # ADD8502
Download  ADD8502 Click to download

File Size   1436.27 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated LCD Grayscale Generator

ADD8502 Datasheet (HTML) - Analog Devices


ADD8502 Product details

GENERAL DESCRIPTION
The ADD8502 is an integrated, high accuracy, programmable grayscale generator. Two sets of five output reference voltages are mask programmed to 0.2% resolution. The outputs switch between the two sets of five levels. The reference levels are selected from a 512 tap resistor network using a via mask.

FEATURES
   Two Mask Programmable Sets of Five Reference Levels
   Dual 10-Bit DACs for Flicker Offset and Range Adjustment
   Integrated VCOM Switching
   Single-Supply Operation: 5.0 V
   Low Supply Current: 300 μA
   Global Power Save Mode: 1 μA Max
   Fast Settling Time for Load Change: 20 μs
   Stable with 20 nF/100 Ω Loads
   CMOS/TTL Input Levels

APPLICATIONS
   Color TFT Cell Phones
   Color TFT PDAs




Similar Part No. - ADD8502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8502 AD-ADD8502_15 Datasheet
1Mb / 16P
Integrated LCD Grayscale Generator
REV. 0
More results


Similar Description - ADD8502

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7584N SANYO-LC7584N Datasheet
415Kb / 23P
LCD DRIVER with CHARACTER GENERATOR
logo
Sony Corporation
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
Timing Generator for LCD Panels
CXD2436Q SONY-CXD2436Q Datasheet
2Mb / 34P
Timing Generator for LCD Panels
CXD2442Q SONY-CXD2442Q Datasheet
9Mb / 70P
Timing Generator for LCD Panels
CXD2443Q SONY-CXD2443Q Datasheet
8Mb / 57P
Timing Generator for LCD Panels
CXD2453Q SONY-CXD2453Q Datasheet
997Kb / 21P
Timing Generator for LCD Panels
CXD3500R SONY-CXD3500R Datasheet
792Kb / 73P
Timing Generator for LCD Panels
logo
Hitachi Semiconductor
HD66750 HITACHI-HD66750 Datasheet
2Mb / 96P
128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
logo
Analog Devices
ADD8502 AD-ADD8502_15 Datasheet
1Mb / 16P
Integrated LCD Grayscale Generator
REV. 0
logo
Gennum Corporation
GS2971A GENNUM-GS2971A Datasheet
4Mb / 152P
Integrated audio clock generator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com