Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDC5100 Datasheet (PDF) - ON Semiconductor

MDC5100 Datasheet PDF - ON Semiconductor
Part # MDC5100
Download  MDC5100 Download
File Size   99.02 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description ANTENNA SWITCH CONTROLLER

MDC5100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDC5100 Datasheet PDF - ON Semiconductor

Part # MDC5100
Download  MDC5100 Click to download

File Size   99.02 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description ANTENNA SWITCH CONTROLLER

MDC5100 Datasheet (HTML) - ON Semiconductor


MDC5100 Product details

The MDC5100 is designed to control GaAs RF switches which require positive and negative going control voltages to select the switch path. All input control signals are 3 V CMOS–logic compatible to allow for direct interface to a microcontroller. The device also has an accessory detect pin for use in applications where there is a portable handset to mobile adapter. The device is designed to interface directly with Double Pull–Double Throw (DPDT) switches such as the M/A–Com SW 363.

Features
• Micro–miniature Low Profile Micro 8 Package
• 3 V CMOS Logic Control Inputs
• Ultra–low Quiescent Current of 400 A Typical
• Wide Operating Temperature Range of –40 to 85°C

Applications
• GSM and PCS Portable Phones
• Mobile to Portable Accessories
• Wireless LAN Modems
• Specialized TDD and TDMA Radios
• Dual Band Phones




Similar Part No. - MDC5100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MDC5101 ONSEMI-MDC5101 Datasheet
119Kb / 8P
ANTENNA SWITCH CONTROLLER
1999 REV 2
More results


Similar Description - MDC5100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MDC5101 ONSEMI-MDC5101 Datasheet
119Kb / 8P
ANTENNA SWITCH CONTROLLER
1999 REV 2
logo
Sanyo Semicon Device
LA1061M SANYO-LA1061M Datasheet
272Kb / 8P
Antenna Switching Controller
logo
Sony Corporation
CXG1234XR SONY-CXG1234XR Datasheet
175Kb / 7P
SP4T Antenna Switch
CXG1235XR SONY-CXG1235XR Datasheet
176Kb / 7P
SP5T Antenna Switch
logo
Infineon Technologies A...
BGS13AL12 INFINEON-BGS13AL12 Datasheet
1Mb / 16P
SP3T Antenna Switch with Antenna Termination Port
Revision 1.1, 2009-06-25
logo
RF Micro Devices
RF1193A RFMD-RF1193A Datasheet
1Mb / 23P
SP10T ANTENNA SWITCH MODULE
RF8889A RFMD-RF8889A Datasheet
2Mb / 26P
SP10T ANTENNA SWITCH MODULE
logo
Infineon Technologies A...
BGSF18DM20 INFINEON-BGSF18DM20 Datasheet
1Mb / 17P
SP8T Antenna Switch Module with integrated SPI controller
Revision 2.4, 2013-05-31
BGS15AN16 INFINEON-BGS15AN16 Datasheet
1Mb / 16P
SP5T Antenna Switch
Revision 2.1, 2013-01-21
BGSX22G2A10 INFINEON-BGSX22G2A10 Datasheet
163Kb / 2P
DPDT Antenna Cross Switch
V 1.4 2017-07-12
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com