Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF830CT Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

MBRF830CT Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # MBRF830CT
Download  MBRF830CT Download
File Size   109.88 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Isolation 8.0 AMPS. Schottky Barrier Rectifiers

MBRF830CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF830CT Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # MBRF830CT
Download  MBRF830CT Click to download

File Size   109.88 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Isolation 8.0 AMPS. Schottky Barrier Rectifiers

MBRF830CT Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


MBRF830CT Product details

Voltage Range 30 to 100 Volts Current 8.0 Amperes

Features
✧ Plastic material used carries Underwriters Laboratory
   Classifications 94V-0
✧ Metal silicon junction, majority carrier conduction
✧ Low power loss, high efficiency
✧ High current capability, low forward voltage drop
✧ High surge capability
✧ For use in low voltage, high frequency inverters, free
   wheeling, and polarity protection applications
✧ Guardring for overvoltage protection
✧ High temperature soldering guaranteed:
   260°C/10 seconds,0.25”(6.35mm)from case

Mechanical Data
✧ Cases: ITO-220AB molded plastic
✧ Terminals: Leads solderable per MIL-STD-750, Method
   2026
✧ Polarity: As marked
✧ Mounting position: Any
✧ Mounting torque: 5 in. - lbs. max
✧ Weight: 0.08 ounce, 2.24 grams




Similar Part No. - MBRF830CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF830CT TSC-MBRF830CT Datasheet
114Kb / 2P
Isolation 8.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBRF830CT KERSEMI-MBRF830CT Datasheet
848Kb / 2P
Isolation 8.0 AMPS. Schottky Barrier Rectifiers
logo
SAMYANG ELECTRONICS CO....
MBRF830CT SAMYANG-MBRF830CT Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF830CT TSC-MBRF830CT_1 Datasheet
114Kb / 2P
Isolation 8.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - MBRF830CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAF820 TSC-SRAF820 Datasheet
84Kb / 2P
Isolation 8.0 AMPS. Schottky Barrier Rectifiers
SRAS890 TSC-SRAS890 Datasheet
90Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
MBRF830CT TSC-MBRF830CT_1 Datasheet
114Kb / 2P
Isolation 8.0 AMPS. Schottky Barrier Rectifiers
SR802 TSC-SR802_1 Datasheet
163Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
SRA820 TSC-SRA820_1 Datasheet
255Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR820 YANGJIE-SR820 Datasheet
748Kb / 2P
8.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SRA820 TSC-SRA820_09 Datasheet
218Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
SR802 TSC-SR802_10 Datasheet
567Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBRF850CT KERSEMI-MBRF850CT Datasheet
848Kb / 2P
Isolation 8.0 AMPS. Schottky Barrier Rectifiers
logo
EM Microelectronic - MA...
MBRF850CT EMMICRO-MBRF850CT Datasheet
848Kb / 2P
Isolation 8.0 AMPS. Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com