Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGP4N60ED Datasheet (PDF) - ON Semiconductor

MGP4N60ED Datasheet PDF - ON Semiconductor
Part # MGP4N60ED
Download  MGP4N60ED Download
File Size   146.13 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Insulated Gate Bipolar Transistor with Anti-Parallel Diode

MGP4N60ED Datasheet (PDF)

Go To PDF Page Download Datasheet
MGP4N60ED Datasheet PDF - ON Semiconductor

Part # MGP4N60ED
Download  MGP4N60ED Click to download

File Size   146.13 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Insulated Gate Bipolar Transistor with Anti-Parallel Diode

MGP4N60ED Datasheet (HTML) - ON Semiconductor


MGP4N60ED Product details

Insulated Gate Bipolar Transistor with Anti-Parallel Diode
N–Channel Enhancement–Mode Silicon Gate

This Insulated Gate Bipolar Transistor (IGBT) is co–packaged with a soft recovery ultra–fast rectifier and uses an advanced termination scheme to provide an enhanced and reliable high voltage–blocking capability. Its new 600 V IGBT technology is specifically suited for applications requiring both a high temperature short circuit capability and a low VCE(on). It also provides fast switching characteristics and results in efficient operation at high frequencies. Co–packaged IGBTs save space, reduce assembly time and cost. This new E–series introduces an energy efficient, ESD protected and short circuit rugged device.

• Industry Standard TO–220 Package
• High Speed: Eoff = 60 μJ/A typical at 125°C
• High Voltage Short Circuit Capability – 10 μs minimum at 125°C, 400 V
• Low On–Voltage 2.0 V typical at 3.0 A, 125°C
• Soft Recovery Free Wheeling Diode is Included in the Package
• Robust High Voltage Termination
• ESD Protection Gate–Emitter Zener Diodes




Similar Part No. - MGP4N60ED

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGP4N60E MOTOROLA-MGP4N60E Datasheet
124Kb / 6P
Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP4N60E ONSEMI-MGP4N60E Datasheet
120Kb / 5P
Insulated Gate Bipolar Transistor
1997 REV 1
More results


Similar Description - MGP4N60ED

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGV12N120D MOTOROLA-MGV12N120D Datasheet
79Kb / 4P
Insulated Gate Bipolar Transistor with Anti-Parallel Diode
MGW12N120D MOTOROLA-MGW12N120D Datasheet
250Kb / 6P
Insulated Gate Bipolar Transistor with Anti-Parallel Diode
MGW20N60D MOTOROLA-MGW20N60D Datasheet
246Kb / 6P
Insulated Gate Bipolar Transistor with Anti-Parallel Diode
MGY20N120D MOTOROLA-MGY20N120D Datasheet
254Kb / 6P
Insulated Gate Bipolar Transistor with Anti-Parallel Diode
MGY25N120D MOTOROLA-MGY25N120D Datasheet
256Kb / 6P
Insulated Gate Bipolar Transistor with Anti-Parallel Diode
MGY30N60D MOTOROLA-MGY30N60D Datasheet
254Kb / 6P
Insulated Gate Bipolar Transistor with Anti-Parallel Diode
MGY40N60D MOTOROLA-MGY40N60D Datasheet
247Kb / 6P
Insulated Gate Bipolar Transistor with Anti-Parallel Diode
logo
ON Semiconductor
MGW12N120D ONSEMI-MGW12N120D Datasheet
168Kb / 6P
Insulated Gate Bipolar Transistor with Anti-Parallel Diode
1998 REV 2
MGY20N120D ONSEMI-MGY20N120D Datasheet
171Kb / 6P
Insulated Gate Bipolar Transistor with Anti-Parallel Diode
REV 1
MGY25N120D ONSEMI-MGY25N120D Datasheet
171Kb / 6P
Insulated Gate Bipolar Transistor with Anti-Parallel Diode
REV 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com