Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS78M08A Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS78M08A Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS78M08A
Download  TS78M08A Download
File Size   173.58 Kbytes
Page   9 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 3-Terminal Medium Current Positive Voltage Regulator

TS78M08A Datasheet (PDF)

Go To PDF Page Download Datasheet
TS78M08A Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS78M08A
Download  TS78M08A Click to download

File Size   173.58 Kbytes
Page   9 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 3-Terminal Medium Current Positive Voltage Regulator

TS78M08A Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS78M08A Product details

Voltage Range 5V to 24V Output Current up to 0.5A



General Description

The TS78M00A Series positive voltage regulators are identical to the popular TS7800 Series devices, except that they are specified for only half the output current. Like the TS7800 devices, the TS78M00A Series 3-Terminal regulators are intended for local, on-card voltage regulation.

Internal current limiting, thermal shutdown circuitry and safe-area compensation for the internal pass transistor combine to make these devices remarkably rugged under most operating conditions. Maximum output current with adequate heatsink is 500mA

This series is offered in 3-pin TO-220, TO-252 package.



Features

Output current up to 0.5A

No external components required

Internal thermal overload protection

Internal short-circuit current limiting

Output transistor safe-area compensation

Output voltage offered in 2% tolerance




Similar Part No. - TS78M08A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78M08CP TSC-TS78M08CP Datasheet
187Kb / 8P
3-Terminal 500mA Positive Voltage Regulator
More results


Similar Description - TS78M08A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS78M05C ETC-TS78M05C Datasheet
177Kb / 8P
3-Terminal Medium Current Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00 Datasheet
169Kb / 7P
3-Terminal Medium Current Negative Voltage Regulator
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS78M00 TSC-TS78M00 Datasheet
178Kb / 8P
3-Terminal Medium Current Positive Voltage Regulator
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com