Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1537 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS1537 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS1537
Download  TS1537 Download
File Size   143.17 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Dual 1A Low Dropout Positive Voltage Regulator

TS1537 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS1537 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS1537
Download  TS1537 Click to download

File Size   143.17 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Dual 1A Low Dropout Positive Voltage Regulator

TS1537 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS1537 Product details

General Description
The TS1537A, TS1537B & TS1537C are low dropout positive voltage regulators with minimum of 1A output current capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications such as high-speed bus termination and low current 3.3V/2.5V (TS1537A) or 3.3V/1.8V(TS1537B) or 2.5V/1.8V(TS1537C) logic supply. This series are guaranteed to have less 1.4V dropout at full load current making it ideal to provide well regulated outputs dual channels with up to 12V input supply.
This series is offered in 5-pin TO-263-5L package.

Features
◇ Low dropout performance 1.3V max.
◇ Full current rating over line and temperature.
◇ Fast transient response
◇ ±2%Total output regulation over line, load and temperature
◇ Build-in thermal shutdown each channel
◇ Output current limiting for each channel
◇ Good noise rejection
◇ Channel 1=3.3V (TS1537A/B) or 2.5V (TS1537C)
◇ Channel 2=2.5V (TS1537A) or 1.8V (TS1537B/C)




Similar Part No. - TS1537

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS15 SUNTAN-TS15 Datasheet
116Kb / 1P
CERAMIC DISC CAPACITOR
logo
CUI INC
TS15 CUI-TS15 Datasheet
376Kb / 4P
TACTILE SWITCH
04/13/2022
logo
Suntan Capacitors
TS15 SUNTAN-TS15 Datasheet
104Kb / 1P
CLASS I TEMPERATURE COMPENSATION
logo
CUI INC
TS15-1212-50-BK-160-SCR-D CUI-TS15-1212-50-BK-160-SCR-D Datasheet
376Kb / 4P
TACTILE SWITCH
04/13/2022
TS15-1212-65-BK-160-SCR-D CUI-TS15-1212-65-BK-160-SCR-D Datasheet
376Kb / 4P
TACTILE SWITCH
04/13/2022
More results


Similar Description - TS1537

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1120 ANACHIP-AP1120 Datasheet
154Kb / 5P
Dual 1A Low Dropout Positive Regulator
Rev. 1.0 Aug.17, 2004
AP1121 ANACHIP-AP1121 Datasheet
144Kb / 5P
Dual 1A Low Dropout Positive Regulator
Rev. 0.0 Mar. 4, 2004
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Diodes Incorporated
AP1120 DIODES-AP1120 Datasheet
255Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
AP1121 DIODES-AP1121 Datasheet
245Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
logo
GTM CORPORATION
GSS1120 GTM-GSS1120 Datasheet
273Kb / 3P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1120 DIODES-AP1120_09 Datasheet
181Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 2
AP1121 DIODES-AP1121_09 Datasheet
181Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 5
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
1A Low Dropout Positive Voltage Regulator
logo
Diodes Incorporated
AP1120 DIODES-AP1120_15 Datasheet
322Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com