Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1581 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS1581 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS1581
Download  TS1581 Download
File Size   135.72 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 5A Dual Input Low Dropout Positive Voltage Regulator

TS1581 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS1581 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS1581
Download  TS1581 Click to download

File Size   135.72 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 5A Dual Input Low Dropout Positive Voltage Regulator

TS1581 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS1581 Product details

General Description
The TS1581 family is a positive adjustable and fixed voltage regulator developed to provide 5A with Higher efficiency than currently available devices. All internal circuit is designed to operate down to 700mV input to output differential and the dropout voltage is fully specified as a function of load current. Dropout voltage of the device is 100mV at light loads and rising to 700mV at maximum output current. A Second low current input is required to achieve this dropout. The TS1581 series are designed to prevent device failure under the worst operation condition with both Thermal Shutdown and Current Fold-back.

Features
● Very low dropout voltage: 700mV @5A
● Output current up to 5A
● Low current Consumption
● High Accuracy Output Voltage: ±1%
● Fast transient response
● Remote sense
● Internal current limit
● Thermal shutdown protection

Applications
● High efficiency linear regulator
● Post regulators for switching supplies
● Advance graphic card
● Adjustable power supply




Similar Part No. - TS1581

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
431Kb / 9P
5A Dual Input LDO
TS1581CM5RN TSC-TS1581CM5RN Datasheet
431Kb / 9P
5A Dual Input LDO
TS1581CM5XXRN TSC-TS1581CM5XXRN Datasheet
431Kb / 9P
5A Dual Input LDO
TS1581CZ5C0 TSC-TS1581CZ5C0 Datasheet
431Kb / 9P
5A Dual Input LDO
TS1581CZ5XXC0 TSC-TS1581CZ5XXC0 Datasheet
431Kb / 9P
5A Dual Input LDO
More results


Similar Description - TS1581

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084 Datasheet
140Kb / 6P
5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXE3 CYSTEKEC-PL1084-XXXE3 Datasheet
168Kb / 4P
5A Low Dropout Positive Voltage Regulator
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
5A Low Dropout Positive Voltage Regulator
TS1084 TSC-TS1084_09 Datasheet
278Kb / 8P
5A Low Dropout Positive Voltage Regulator
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084A-XXXF3 CYSTEKEC-PL1084A-XXXF3 Datasheet
293Kb / 6P
5A Low Dropout Positive Voltage Regulator
PL1084-XXXJ3 CYSTEKEC-PL1084-XXXJ3 Datasheet
267Kb / 6P
5A Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
TS1084CM ETC2-TS1084CM Datasheet
146Kb / 6P
5A Low Dropout Positive Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com