Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPE1255D6 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPE1255D6 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPE1255D6
Download  TPE1255D6 Download
File Size   1651.91 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 160A For Vbus

TPE1255D6 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPE1255D6 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPE1255D6
Download  TPE1255D6 Click to download

File Size   1651.91 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 160A For Vbus

TPE1255D6 Datasheet (HTML) - TECH PUBLIC Electronics co LTD




Similar Part No. - TPE1255D6

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPE1203D TOPPOWER-TPE1203D Datasheet
447Kb / 3P
1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE1203D TOPPOWER-TPE1203D Datasheet
674Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE1203D TOPPOWER-TPE1203D Datasheet
712Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE1203D TOPPOWER-TPE1203D Datasheet
716Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE1203D/E TOPPOWER-TPE1203D/E Datasheet
257Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
More results


Similar Description - TPE1255D6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PQ160QH04N NIEC-PQ160QH04N Datasheet
56Kb / 2P
SBD MODULE 160A/40V
PQ160QH06N NIEC-PQ160QH06N_1 Datasheet
157Kb / 2P
160A Avg 60 Volts
logo
Naina Semiconductor ltd...
NDD160C NAINA-NDD160C Datasheet
227Kb / 3P
Diode/Diode Module, 160A
logo
Littelfuse
SP1255 LITTELFUSE-SP1255 Datasheet
2Mb / 4P
SP1255 Series 160A for V
SP1555 LITTELFUSE-SP1555 Datasheet
2Mb / 4P
SP1555 Series 120A for VBUS
logo
Maxim Integrated Produc...
MAX77958EVKIT-2S6 MAXIM-MAX77958EVKIT-2S6 Datasheet
4Mb / 21P
High Voltage VBUS Range
319-100671; Rev 0; 1/21
MAX77958EVKIT-2S3 MAXIM-MAX77958EVKIT-2S3 Datasheet
3Mb / 24P
High Voltage VBUS Range
319-100519; Rev 1; 7/20
logo
Littelfuse
SP1224 LITTELFUSE-SP1224 Datasheet
730Kb / 4P
SP1224 (100A) for USB VBUS
2020 Littelfuse, Inc.
logo
Guangdong Youtai Semico...
BSD3A031V UMW-BSD3A031V Datasheet
518Kb / 4P
USB Vbus
BSD3A051V UMW-BSD3A051V Datasheet
564Kb / 4P
USB Vbus
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com