Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTT6050-2ERA Datasheet (PDF) - Infineon Technologies AG

BTT6050-2ERA Datasheet PDF - Infineon Technologies AG
Part # BTT6050-2ERA
Download  BTT6050-2ERA Download
File Size   1570.42 Kbytes
Page   53 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart High-Side Power Switch Dual Channel, 50 m廓

BTT6050-2ERA Datasheet (PDF)

Go To PDF Page Download Datasheet
BTT6050-2ERA Datasheet PDF - Infineon Technologies AG

Part # BTT6050-2ERA
Download  BTT6050-2ERA Click to download

File Size   1570.42 Kbytes
Page   53 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart High-Side Power Switch Dual Channel, 50 m廓

BTT6050-2ERA Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - BTT6050-2ERA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTT6050-2EKA INFINEON-BTT6050-2EKA Datasheet
2Mb / 54P
Smart High-Side Power Switch
Rev. 1.1, 2015-03-04
BTT6050-2EKA INFINEON-BTT6050-2EKA Datasheet
323Kb / 2P
24V Protected Switch Shield with BTT6030-2EKA and BTT6020-1EKA for Arduino
07 / 2016
BTT6050-2EKA INFINEON-BTT6050-2EKA_15 Datasheet
2Mb / 54P
Smart High-Side Power Switch
Rev. 1.1, 2015-03-04
More results


Similar Description - BTT6050-2ERA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTS5236-2EKA INFINEON-BTS5236-2EKA Datasheet
978Kb / 27P
Smart High-Side Power Switch PROFET Two Channels, 50 m廓
Rev. 1.0, Nov 2008
logo
Texas Instruments
TPS2HB50-Q1 TI1-TPS2HB50-Q1_19 Datasheet
514Kb / 40P
40-V, 50-m廓 Dual-Channel Smart High-Side Switch
TPS2HB50-Q1 TI1-TPS2HB50-Q1_V01 Datasheet
1Mb / 55P
TPS2HB50-Q1 40-V, 50-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com