Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS7010-2EPA Datasheet (PDF) - Infineon Technologies AG

BTS7010-2EPA Datasheet PDF - Infineon Technologies AG
Part # BTS7010-2EPA
Download  BTS7010-2EPA Download
File Size   1783.56 Kbytes
Page   62 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description PROFET??2 12V 2x 10 m廓 Smart High-Side Power Switch

BTS7010-2EPA Datasheet (PDF)

Go To PDF Page Download Datasheet
BTS7010-2EPA Datasheet PDF - Infineon Technologies AG

Part # BTS7010-2EPA
Download  BTS7010-2EPA Click to download

File Size   1783.56 Kbytes
Page   62 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description PROFET??2 12V 2x 10 m廓 Smart High-Side Power Switch

BTS7010-2EPA Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - BTS7010-2EPA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7010-2EPA INFINEON-BTS7010-2EPA Datasheet
4Mb / 34P
Customer evaluation kit description
Rev. 1.10 2022-06-24
BTS7010-2EPA INFINEON-BTS7010-2EPA Datasheet
3Mb / 26P
Customer evaluation kit description
2021-05-19 Rev. 1.00
More results


Similar Description - BTS7010-2EPA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7008-2EPZ INFINEON-BTS7008-2EPZ Datasheet
1Mb / 61P
PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7080-2EPA INFINEON-BTS7080-2EPA Datasheet
1Mb / 62P
PROFET??2 12V 2x 80 m廓 Smart High-Side Power Switch
Rev. 1.06 2019-10-30
BTS7200-2EPC INFINEON-BTS7200-2EPC Datasheet
1Mb / 60P
PROFET??2 12V 2x 200 m廓 Smart High-Side Power Switch
Rev. 1.02 2019-10-15
BTS7030-2EPA INFINEON-BTS7030-2EPA Datasheet
1Mb / 62P
PROFET??2 12V 2x 30 m廓 Smart High-Side Power Switch
Rev. 1.05 2019-10-15
BTS7010-1EPA INFINEON-BTS7010-1EPA Datasheet
1Mb / 58P
PROFET??2 12V 1x 10 m廓 Smart High-Side Power Switch
Rev. 1.02 2019-10-15
BTS7080-2EPZ INFINEON-BTS7080-2EPZ Datasheet
1Mb / 61P
PROFET??2 12V 2x 20.9 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7008-2EPA INFINEON-BTS7008-2EPA Datasheet
1Mb / 64P
PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
Rev. 1.14 2019-10-15
BTS7120-2EPA INFINEON-BTS7120-2EPA Datasheet
1Mb / 61P
PROFET??2 12V 2x 120 m廓 Smart High-Side Power Switch
Rev. 1.03 2019-10-15
BTS7200-2EPA INFINEON-BTS7200-2EPA Datasheet
1Mb / 61P
PROFET??2 12V 2x 200 m廓 Smart High-Side Power Switch
Rev. 1.03 2019-10-15
BTS7012-2EPA INFINEON-BTS7012-2EPA Datasheet
1Mb / 62P
PROFET??2 12V 2x 12 m廓 Smart High-Side Power Switch
Rev. 1.06 2019-10-30
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com