Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08PA60 Datasheet (PDF) - NXP Semiconductors

MC9S08PA60 Datasheet PDF - NXP Semiconductors
Part # MC9S08PA60
Download  MC9S08PA60 Download
File Size   897.14 Kbytes
Page   41 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MC9S08PA60A and MC9S08PA32A are recommended for new design

MC9S08PA60 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC9S08PA60 Datasheet PDF - NXP Semiconductors

Part # MC9S08PA60
Download  MC9S08PA60 Click to download

File Size   897.14 Kbytes
Page   41 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MC9S08PA60A and MC9S08PA32A are recommended for new design

MC9S08PA60 Datasheet (HTML) - NXP Semiconductors


MC9S08PA60 Product details

Key features
• 8-Bit S08 central processor unit (CPU)
   – Up to 20 MHz bus at 2.7 V to 5.5 V across
      temperature range of -40 °C to 105 °C
   – Supporting up to 40 interrupt/reset sources
   – Supporting up to four-level nested interrupt
   – On-chip memory
   – Up to 60 KB flash read/program/erase over full
      operating voltage and temperature
   – Up to 256 byte EEPROM; 2-byte erase sector;
      program and erase while executing flash
   – Up to 4096 byte random-access memory (RAM)
   – Flash and RAM access protection
• Power-saving modes
   – One low-power stop mode; reduced power wait
      mode
   – Peripheral clock enable register can disable clocks to
      unused modules, reducing currents; allows clocks to
      remain enabled to specific peripherals in stop3 mode
• Clocks
   – Oscillator (XOSC) - loop-controlled Pierce
      oscillator; crystal or ceramic resonator range of
      31.25 kHz to 39.0625 kHz or 4 MHz to 20 MHz
   – Internal clock source (ICS) - containing a
      frequency-locked-loop (FLL) controlled by internal or external
      reference; precision trimming of internal reference
      allowing 1% deviation across temperature range of 0
      °C to 70 °C and 2% deviation across the whole
      operating temperature; up to 20 MHz
• System protection
   – Watchdog with independent clock source
   – Low-voltage detection with reset or interrupt;
      selectable trip points
   – Illegal opcode detection with reset
   – Illegal address detection with reset
• Development support
   – Single-wire background debug interface
   – Breakpoint capability to allow three breakpoints
      setting during in-circuit debugging
   – On-chip in-circuit emulator (ICE) debug module
      containing two comparators and nine trigger modes
• Peripherals
   – ACMP - one analog comparator with both positive
      and negative inputs; separately selectable interrupt
      on rising and falling comparator output; filtering
   – ADC - 16-channel, 12-bit resolution; 2.5 µs
      conversion time; data buffers with optional
      watermark; automatic compare function; internal
      bandgap reference channel; operation in stop mode;
      optional hardware trigger
   – CRC - programmable cyclic redundancy check
      module
   – FTM - three flex timer modulators modules
      including one 6-channel and two 2-channel ones;
      16-bit counter; each channel can be configured for
      input capture, output compare, edge- or centeraligned PWM mode
   – IIC - One inter-integrated circuit module; up to 400
      kbps; multi-master operation; programmable slave
      address; supporting broadcast mode and 10-bit
      addressing; supporting SMBUS and PMBUS
   – MTIM - Two modulo timers with 8-bit prescaler and
      overflow interrupt
   – RTC - 16-bit real timer counter (RTC)
   – SCI - three serial communication interface (SCI/
      UART) modules optional 13-bit break; full duplex
      non-return to zero (NRZ); LIN extension support
   – SPI - one 8-bit and one 16-bit serial peripheral
      interface (SPI) modules; full-duplex or single-wire
      bidirectional; master or slave mode
• Input/Output
   – Up to 57 GPIOs including one output-only pin
   – Two 8-bit keyboard interrupt modules (KBI)
   – Two true open-drain output pins
   – Eight, ultra-high current sink pins supporting 20 mA source/sink current
• Package options
   – 64-pin LQFP; 64-pin QFP
   – 48-pin LQFP
   – 44-pin LQFP
   – 32-pin LQFP




Similar Part No. - MC9S08PA60

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08PA60 FREESCALE-MC9S08PA60 Datasheet
586Kb / 35P
MC9S08PA60 Series
More results


Similar Description - MC9S08PA60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
On phase-out, not recommended for new designs
logo
Texas Instruments
UCC2570DTR TI1-UCC2570DTR Datasheet
3Mb / 13P
Not Recommended for New Design
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
NOT RECOMMENDED FOR NEW DESIGNS
logo
SemiHow Co.,Ltd.
HRLP80N06K SEMIHOW-HRLP80N06K Datasheet
898Kb / 7P
Originative New Design
HRLP150N10K SEMIHOW-HRLP150N10K Datasheet
217Kb / 7P
Originative New Design
logo
Texas Instruments
UCC2751 TI1-UCC2751_10 Datasheet
2Mb / 9P
Not Recommended for New Design
logo
NXP Semiconductors
MC9S08PA16 NXP-MC9S08PA16 Datasheet
757Kb / 36P
MC9S08PA16A and MC9S08PA8A are recommended for new design
Rev. 4, 03/2020
MC9S08PT60 NXP-MC9S08PT60 Datasheet
940Kb / 41P
MC9S08PT60A and MC9S08PT32A are recommended for new design
Rev. 6, 09/2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com