Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR213 Datasheet (PDF) - Infineon Technologies AG

IR213 Datasheet PDF - Infineon Technologies AG
Part # IR213
Download  IR213 Download
File Size   917.26 Kbytes
Page   36 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 600 V three-phase gate driver IC with OCP, Enable, and Fault

IR213 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR213 Datasheet PDF - Infineon Technologies AG

Part # IR213
Download  IR213 Click to download

File Size   917.26 Kbytes
Page   36 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 600 V three-phase gate driver IC with OCP, Enable, and Fault

IR213 Datasheet (HTML) - Infineon Technologies AG


IR213 Product details

Description
The IR2136x (J&S) are high voltage, high speed power MOSFET and IGBT drivers with three independent high and low side referenced output channels for 3-phase applications. Proprietary HVIC technology enables ruggedized monolithic construction. Logic inputs are compatible with CMOS or LSTTL outputs, down to 3.3 V logic. A current trip function which terminates all six outputs can be derived from an external current sense resistor. An enable function is available to terminate all six outputs simultaneously. An open-drain FAULT signal is provided to indicate that an overcurrent or undervoltage shutdown has occurred. Overcurrent fault conditions are cleared automatically after a delay programmed externally via an RC network connected to the RCIN input. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. Propagation delays are matched to simplify use in high frequency applications. The floating channels can be used to drive N-channel power MOSFETs or IGBTs in the high side configuration which operates up to 600 V.

Features
• Floating channel designed for bootstrap operation
• Fully operational to +600 V
• Tolerant to negative transient voltage, dV/dt immune
• Gate drive supply range from 10 V to 20 V (IR2136/
   IR21368), 11.5 V to 20 V (IR21362D), or 12 V to 20 V
   (IR21363/IR21365/IR21366/IR21367)
• Undervoltage lockout for all channels
• Over-current shutdown turns off all six drivers
• Independent 3 half-bridge drivers
• Matched propagation delay for all channels
• Cross-conduction prevention logic
• Low side output out of phase with inputs. High side outputs
   out of phase (IR213(6,63, 65, 66, 67, 68)), or in phase
   (IR21362) with inputs
• 3.3 V logic compatible
• Lower di/dt gate drive for better noise immunity
• Externally programmable delay for automatic fault clear
• All parts are LEAD-FREE




Similar Part No. - IR213

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
298Kb / 26P
3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
304Kb / 26P
3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR2130 INFINEON-IR2130 Datasheet
306Kb / 26P
3-PHASE BRIDGE DRIVER
Data Sheet No. PD60019 Rev.P
logo
International Rectifier
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
3-PHASE BRIDGE DRIVER
More results


Similar Description - IR213

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
Three-Phase Gate Driver IC
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
Three-Phase Gate Driver IC
logo
Texas Instruments
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
Three Phase Gate Driver
logo
Infineon Technologies A...
6EDL04X06XT INFINEON-6EDL04X06XT Datasheet
853Kb / 22P
200 V and 600 V three-phase gate driver with Over Current Protection (OCP), Enable (EN), Fault and Integrated Bootstrap Diode (BSD)
Version 2.7 2019-03-21
6ED2230S12T INFINEON-6ED2230S12T Datasheet
3Mb / 29P
1200 V Three Phase Gate Driver with Integrated Bootstrap Diode and OCP
2020-03-10 revision:1.3
IR21364PBF INFINEON-IR21364PBF Datasheet
708Kb / 20P
600 V three-phase gate driver IC with OCP, Enable, and Fault
May 31, 2016
2EDL23 INFINEON-2EDL23 Datasheet
2Mb / 21P
600 V Half Bridge Gate Driver with OCP and Integrated Bootstrap Diode
Version 2.7 2020-07-07
6EDL04 INFINEON-6EDL04 Datasheet
853Kb / 22P
200 V and 600 V three-phase gate driver with Over Current Protection (OCP), Enable (EN), Fault and Integrated Bootstrap Diode (BSD)
Version 2.7 2019-03-21
6ED2231S12T INFINEON-6ED2231S12T Datasheet
1Mb / 25P
1200 V Three Phase Gate Driver for IGBT/SiC with Integrated Bootstrap Diode and OCP
V 1.2 2022-09-19
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com