Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1201490016 Datasheet (PDF) - Molex Electronics Ltd.

1201490016 Datasheet PDF - Molex Electronics Ltd.
Part # 1201490016
Download  1201490016 Download
File Size   24.2 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Nano-Change (M8) Industrial Receptacle, 3 Pole, PCB Mount

1201490016 Datasheet (PDF)

Go To PDF Page Download Datasheet
1201490016 Datasheet PDF - Molex Electronics Ltd.

Part # 1201490016
Download  1201490016 Click to download

File Size   24.2 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Nano-Change (M8) Industrial Receptacle, 3 Pole, PCB Mount

1201490016 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 1201490016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1201490064 MOLEX-1201490064 Datasheet
24Kb / 1P
Nano-Change (M8) Industrial Receptacle, 4 Pole, PCB Mount
1201490095 MOLEX-1201490095 Datasheet
24Kb / 1P
Nano-Change (M8) Industrial Receptacle, 5 Pole, PCB Mount
More results


Similar Description - 1201490016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200310046 MOLEX-1200310046 Datasheet
40Kb / 1P
Nano-Change (M8) Receptacle, 3 Poles, M8 x 1.0 Mounting Threads, Female (Straight)
1200310049 MOLEX-1200310049 Datasheet
24Kb / 1P
Nano-Change (M8) Receptacle, 4 Poles, M8 x 0.5 Mounting Threads, Female
1200895003 MOLEX-1200895003 Datasheet
24Kb / 1P
Y Nano-Change (M8) Splitter to Nano-Change (M8) 4 Pole Female to 4 Pole Male
1200900009 MOLEX-1200900009 Datasheet
28Kb / 1P
Nano-Change (M8) Receptacle, 3 Poles, M8 x 1.0 Mounting Threads, Male
1200905071 MOLEX-1200905071_V01 Datasheet
36Kb / 1P
Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Female
1200905076 MOLEX-1200905076_V01 Datasheet
36Kb / 1P
Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Female
1200905106 MOLEX-1200905106_V01 Datasheet
36Kb / 1P
Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Female
1200908037 MOLEX-1200908037 Datasheet
24Kb / 1P
Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Female
1201490064 MOLEX-1201490064 Datasheet
24Kb / 1P
Nano-Change (M8) Industrial Receptacle, 4 Pole, PCB Mount
1201490095 MOLEX-1201490095 Datasheet
24Kb / 1P
Nano-Change (M8) Industrial Receptacle, 5 Pole, PCB Mount
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com