Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA12040 Datasheet (PDF) - Infineon Technologies AG

MA12040 Datasheet PDF - Infineon Technologies AG
Part # MA12040
Download  MA12040 Download
File Size   1632.81 Kbytes
Page   86 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Filterless and High-Efficiency 4V to 18V

MA12040 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA12040 Datasheet PDF - Infineon Technologies AG

Part # MA12040
Download  MA12040 Click to download

File Size   1632.81 Kbytes
Page   86 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Filterless and High-Efficiency 4V to 18V

MA12040 Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - MA12040

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MA12040P INFINEON-MA12040P Datasheet
1Mb / 88P
Filterless and High-Efficiency 4V to 18V
V 1.0 2018-07-17
More results


Similar Description - MA12040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4667 NSC-LM4667 Datasheet
757Kb / 16P
Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
Filterless High Efficiency 3W Switching Audio Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
Filterless High Efficiency 1W Switching Audio Amplifier
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4670 NSC-LM4670_06 Datasheet
1Mb / 20P
Filterless High Efficiency 3W Switching Audio Amplifier
LM4671 NSC-LM4671_08 Datasheet
588Kb / 18P
Filterless High Efficiency 2.5W Switching Audio Amplifier
logo
Texas Instruments
LM4666 TI-LM4666_15 Datasheet
1Mb / 22P
Filterless High Efficiency Stereo 1.2W Switching
logo
Infineon Technologies A...
MA12040P INFINEON-MA12040P Datasheet
1Mb / 88P
Filterless and High-Efficiency 4V to 18V
V 1.0 2018-07-17
MA12070 INFINEON-MA12070 Datasheet
1Mb / 86P
Filterless and High-Efficiency 4V to 26V
V 1.0 2018-07-17
MA12070P INFINEON-MA12070P Datasheet
1Mb / 88P
Filterless and High-Efficiency 4V to 26V
V 1.0 2018-07-17
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com