Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ15024 Datasheet (PDF) - ON Semiconductor

MJ15024 Datasheet PDF - ON Semiconductor
Part # MJ15024
Download  MJ15024 Download
File Size   153.65 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SILICON POWER TRANSISTORS

MJ15024 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ15024 Datasheet PDF - ON Semiconductor

Part # MJ15024
Download  MJ15024 Click to download

File Size   153.65 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SILICON POWER TRANSISTORS

MJ15024 Datasheet (HTML) - ON Semiconductor


MJ15024 Product details

The MJ15022 and MJ15024 are PowerBase power transistors designed for high power audio, disk head positioners and other linear applications.

Features
• High Safe Operating Area (100% Tested) − 2 A @ 80 V
• High DC Current Gain − hFE = 15 (Min) @ IC = 8 Adc
• Pb−Free Packages are Available*




Similar Part No. - MJ15024

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ15024 MOSPEC-MJ15024 Datasheet
153Kb / 3P
POWER TRANSISTOR(16A,200-250V,250W)
logo
Motorola, Inc
MJ15024 MOTOROLA-MJ15024 Datasheet
153Kb / 4P
Silicon Power Transistors
logo
Wing Shing Computer Com...
MJ15024 WINGS-MJ15024 Datasheet
64Kb / 1P
NPN PLANAR SILICON TRANSISTOR(for AUDIO POWER AMPLIFIER, DC TO DC CONVERTER)
logo
ON Semiconductor
MJ15024 ONSEMI-MJ15024 Datasheet
73Kb / 4P
Silicon Power Transistors
February, 2006 ??Rev. 10
logo
Savantic, Inc.
MJ15024 SAVANTIC-MJ15024 Datasheet
142Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - MJ15024

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
Silicon Power Transistors
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Quanzhou Jinmei Electro...
2SC3979 JMNIC-2SC3979 Datasheet
152Kb / 3P
Silicon Power Transistors
2SC4941 JMNIC-2SC4941 Datasheet
86Kb / 3P
Silicon Power Transistors
logo
ON Semiconductor
MJ21193 ONSEMI-MJ21193_09 Datasheet
163Kb / 6P
Silicon Power Transistors
April, 2009 ??Rev. 5
MJW21193 ONSEMI-MJW21193_10 Datasheet
151Kb / 7P
Silicon Power Transistors
March, 2010 ??Rev. 4
logo
Comset Semiconductor
BD743 COMSET-BD743 Datasheet
108Kb / 4P
SILICON POWER TRANSISTORS
MJE13007 COMSET-MJE13007 Datasheet
101Kb / 3P
SILICON POWER TRANSISTORS
TIP35 COMSET-TIP35 Datasheet
81Kb / 4P
SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com