Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS9013 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS9013 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS9013
Download  TS9013 Download
File Size   116.73 Kbytes
Page   3 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 500mA CMOS Low Dropout Voltage Regulator

TS9013 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS9013 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS9013
Download  TS9013 Click to download

File Size   116.73 Kbytes
Page   3 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 500mA CMOS Low Dropout Voltage Regulator

TS9013 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS9013 Product details

Low Power Consumption 2uA(typ) Low Drop Out Voltage 0.6V



General Description

The TS9013 series is a positive voltage regulator developed utilizing CMOS technology featured very low power consumption, low dropout voltage and high output voltage accuracy. Built in low on-resistor provides low dropout voltage and large output current. A 1uF or greater can be used as an output capacitor.

The TS9013 series are prevented device failure under the worst operation condition with both thermal shutdown and current fold-back. These series are recommended for configuring portable devices and  large current application, respectively.

This series are offered in 3-pin SOT-89 and SOT-223 package.



Features

Dropout voltage typically 0.4V @Io=500mA (Vo=5V)  

Output current up to 500mA

Low power consumption, 2uA(typ) @Vo=5V

Output voltage +/-2%

Internal current limit

Thermal shutdown protection



Applications

Palmtops

Video recorders

Battery powered equipment

PC peripherals

CD-ROM, DVD ROM

Digital signal camera




Similar Part No. - TS9013

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013 Datasheet
111Kb / 5P
500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013 Datasheet
107Kb / 5P
500mA Low Quiescent Current CMOS LDO
TS90135CWRP TSC-TS90135CWRP Datasheet
107Kb / 5P
500mA Low Quiescent Current CMOS LDO
TS90135CWRPG TSC-TS90135CWRPG Datasheet
107Kb / 5P
500mA Low Quiescent Current CMOS LDO
TS9013CWRP TSC-TS9013CWRP Datasheet
111Kb / 5P
500mA Low Quiescent Current CMOS LDO
More results


Similar Description - TS9013

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS5105 ADMOS-AMS5105 Datasheet
360Kb / 8P
500mA CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
500mA Low Dropout Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
500mA Low Dropout Voltage Regulator
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com