Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS13001 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS13001 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS13001
Download  TS13001 Download
File Size   35.24 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description High Voltage NPN Transistor

TS13001 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS13001 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS13001
Download  TS13001 Click to download

File Size   35.24 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description High Voltage NPN Transistor

TS13001 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS13001 Product details

BVCEO = 400V
BVCBO = 500V
Ic = 0.1A
VCE (SAT), = 0.5V @ Ic / Ib = 50mA / 10mA

Features
◇ High voltage.
◇ High speed switching

Structure
◇ Silicon triple diffused type.
◇ NPN silicon transistor




Similar Part No. - TS13001

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TS13001 SEMTECH-TS13001 Datasheet
125Kb / 10P
Galvanic Isolated Blocking 56V Power Load Switch
TS13001-QFNR SEMTECH-TS13001-QFNR Datasheet
125Kb / 10P
Galvanic Isolated Blocking 56V Power Load Switch
More results


Similar Description - TS13001

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
High Voltage NPN Transistor
logo
Unisonic Technologies
2SC5353B UTC-2SC5353B Datasheet
246Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA44 UTC-PZTA44_12 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003A TSC-TS13003A_14 Datasheet
388Kb / 5P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA45 UTC-PZTA45_15 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Nexperia B.V. All right...
MMBTA42-Q NEXPERIA-MMBTA42-Q Datasheet
181Kb / 7P
NPN high-voltage transistor
9 August 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com