Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178A Datasheet (PDF) - List of Unclassifed Manufacturers

IP178A Datasheet PDF - List of Unclassifed Manufacturers
Part # IP178A
Download  IP178A Download
File Size   1267.61 Kbytes
Page   44 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 8-Port 10/100 Ethernet Integrated Switch

IP178A Datasheet (PDF)

Go To PDF Page Download Datasheet
IP178A Datasheet PDF - List of Unclassifed Manufacturers

Part # IP178A
Download  IP178A Click to download

File Size   1267.61 Kbytes
Page   44 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 8-Port 10/100 Ethernet Integrated Switch

IP178A Datasheet (HTML) - List of Unclassifed Manufacturers


IP178A Product details

[IC PLUS CORP.]

General Description
IP178A is an 8 port 10/100 Ethernet integrated switch. It consists of an 8-port switch controller and eight Fast Ethernet transceivers. Each of the transceivers complies with the IEEE802.3, IEEE802.3u, and IEEE802.3x specifications. The transceivers in IP178A are designed in DSP approach with advance 0.25um technology; this results in high noise immunity and robust performance. Two ports of IP178A can be configured as 100BaseFX.

Feature
■ Three-in-one 8 port 10/100 Ethernet switch
   - Built in an 8 port Ethernet switch engine
   - Built in 8 10/100M transceivers
   - Built in SSRAM
■ Support flow control
   - Support IEEE802.3x for full duplex mode operation
   - Support backpressure for half duplex mode operation
■ Built in up to 1K MAC address
■ An 8 port switching fabric
   - Support two-level hashing algorithm to improve address collision
   - Support address aging
   - Store and forward mode
   - Broadcast storm protection
   - Full line speed capability of 148800 (14880) packets/sec for 100M (10M)
   - Support 1536 byte data transfer for VLAN traffic
   - Support one MII port
   - Support port base VLAN
   - Support CoS
■ DSP approach transceivers
   - Auto negotiation
   - Fully digital adaptive equalizer and timing recovery module
   - Base line Wander correction
   - 10BaseT, 100BaseT, and 100BaseFX(port6, port7 only) operation
   - Automatic MDI/MDI-X configuration
■ LED status of Link, Receive, Full duplex, and Speed
■ LED with power on diagnostic function
■ Set operation parameters via pins or EEPROM interface
■ Utilize single clock source (25Mhz)
■ Utilize single power supply (2.5v)
■ 0.25um technology
■ Packaged in 208 pin PQFP




Similar Part No. - IP178A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP178C ETC1-IP178C Datasheet
1Mb / 91P
8 Port 10/100 Ethernet Integrated Switch
IP178C-DS-R01 ETC2-IP178C-DS-R01 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
IP178C-DS-R02 ETC2-IP178C-DS-R02 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
IP178C-DS-R03 ETC2-IP178C-DS-R03 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
IP178C-DS-R04 ETC2-IP178C-DS-R04 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
More results


Similar Description - IP178A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC9208M ETC1-TC9208M Datasheet
1Mb / 53P
8-Port 10/100/1000 Smart Ethernet Switch
IP178C ETC1-IP178C Datasheet
1Mb / 91P
8 Port 10/100 Ethernet Integrated Switch
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175C ETC2-IP175C Datasheet
1Mb / 111P
5 Port 10/100 Ethernet Integrated Switch
IP178C ETC2-IP178C_1 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
IP175G ETC2-IP175G Datasheet
752Kb / 69P
5 Port 10/100 Ethernet Integrated Switch
IP178G ETC2-IP178G Datasheet
1,013Kb / 76P
8 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
8 Port Unmanaged Ethernet Switch 10/100
SW-508 BLACKBOX-SW-508 Datasheet
992Kb / 4P
Industrial 8 Port Ethernet Switch 10/100
SW-708 BLACKBOX-SW-708 Datasheet
951Kb / 4P
Hardened 8 Port Ethernet Switch 10/100
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com