Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS39103CP51.8 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS39103CP51.8 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS39103CP51.8
Download  TS39103CP51.8 Download
File Size   180.42 Kbytes
Page   10 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1.0A Ultra Low Dropout Positive Voltage Regulator

TS39103CP51.8 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS39103CP51.8 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS39103CP51.8
Download  TS39103CP51.8 Click to download

File Size   180.42 Kbytes
Page   10 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1.0A Ultra Low Dropout Positive Voltage Regulator

TS39103CP51.8 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS39103CP51.8 Product details

General Description
The TS39100/1/2/3/4/5 are 1A ultra low dropout linear voltage regulators that provide low voltage, high current output from an extremely small package. These regulators offers extremely low dropout (typically 400mV at 1A) and very low ground current (typically 12mA at 1A).
The TS39100/1/2/3/4/5 are fully protected against over current faults, reversed input polarity, reversed lead insertion, over temperature operation, positive and negative transient voltage spikes, logic level enable control and error flag which signals whenever the output falls out of regulation.
On the TS39100/1/2/3/4/5, the enable pin may be tied to Vin if it is not required for enable control.

Features
● Dropout voltage typically 0.4V @Io=1.0A
● Output Current up to 1A
● Low Ground Current
● Extremely Fast Transient Response
● Reversed Leakage & Reverse Battery Protection
● Error Flag Signals Output (TS39101 only)
● Current Limit & Thermal Shutdown Protection

Application
● ULDO Linear Regulator for PC add-in Cards
● PowerPCTM Power Supplies
● Battery Powered Equipment
● Consumer and Personal Electronics
● High Efficiency Linear Power Supplies
● SMPS Post Regulator and DC to DC Modules
● High-efficiency Post Regulator for Switching Supply
● Portable Application
● Low-Voltage microcontrollers and Digital Logic




Similar Part No. - TS39103CP51.8

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39103CP518RO TSC-TS39103CP518RO Datasheet
425Kb / 8P
1A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Similar Description - TS39103CP51.8

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
1.0A Ultra Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
1.0A Low Dropout Positive Voltage Regulator
IL2940CT-XX IKSEMICON-IL2940CT-XX Datasheet
270Kb / 9P
1.0A Low Dropout Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
1.0A Low Dropout Positive Voltage Regulator
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
1.0A Low Dropout Positive Voltage Regulator
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
1.0A Low Dropout Positive Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com